Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 181 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics SPEAR1340 Datasheet HTML 182Page - STMicroelectronics SPEAR1340 Datasheet HTML 183Page - STMicroelectronics SPEAR1340 Datasheet HTML 184Page - STMicroelectronics SPEAR1340 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
181/200
5.15
SSP timing characteristics
This section describes the timing characteristics of the synchronous serial port.
The timing characterization is performed assuming an input transition of 2 ns on all the
inputs and an output load capacitance of 10 pF on all outputs and using PLL1 as the clock
source for the timing extraction.
Note:
The characterization of the SSP has been done using the SPI protocol.
Figure 42.
SSP_SCK waveform
The clock polarity parameter (SPO) indicates the state of the clock signal when it is idle.
This can be programmed in the SSPCR0 register (refer to RM0089, Reference
manual, SPEAr1340 address map and registers).
TCSf
Min and max delay of falling edge of SMI_CLK to
falling edge of SMI_CS0n and SMI_CS1n
0.75
9.60
ns
TCSr
Min and max delay of rising edge of SMI_CLK to
rising edge of SMI_CS0n and SMI_CS1n (1)
0.75+THCLK 9.60+THCLK
ns
1.
THCLK is the period of the programmable HCLK clock
Table 94.
SMI timing characteristics (continued)
Symbol
Description
Min
Max
Unit
SPO= 0
The clock idle state is low.
SPO= 1
The clock idle state is high.
TSSP_SCK(H)
TSSP_SCK
SSP_SCK
(SPO=0)
SSP_SCK
(SPO=1)
TSSP_SCK(L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com