Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 177 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 173Page - STMicroelectronics SPEAR1340 Datasheet HTML 174Page - STMicroelectronics SPEAR1340 Datasheet HTML 175Page - STMicroelectronics SPEAR1340 Datasheet HTML 176Page - STMicroelectronics SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics SPEAR1340 Datasheet HTML 179Page - STMicroelectronics SPEAR1340 Datasheet HTML 180Page - STMicroelectronics SPEAR1340 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 200 page
background image
SPEAr1340
Timing characteristics
Doc ID 023063 Rev 4
177/200
Figure 37.
ADDR/CTRLsignals timing waveform
Write DQS timing characteristics
The DDR3 SDRAM supports a write-leveling feature to allow the controller to compensate
the skew between the mem_clk and the data strobe (DQS) at each memory cut. During the
write leveling phase, the controller uses the feedback from the DDR3 SDRAM to adjust the
DQS to mem_clk relationship. The DQS delay established through this procedure helps to
ensure tDQSS specifications in systems using a fly-by topology by deskewing the trace
length mismatch. Based on the 8-phase PHY architecture, the DQS signal is derived from
one of the eight dll_clocks, so it is adjustable with a minimum step of 1/8 of the clock period
(max_error). The sampled value coming from the memory is processed so that the tDQSS
value can vary from 0 to 1/8 Tclk (see Figure 38).
For the DDR2 you have to find the right alignment without the write-leveling support.
Figure 38.
DQS strobe timing waveform
Write DQ/DM timing characteristics
Similar to the creation of the write DQS signal, the write DQ/DM signals are created through
a clock derived from one of the eight dll_clocks.
The clock generating DQ/DM signals should always be set two phases before the clock
generating DQS. This would ensure a 90-degree phase difference between DQ and DQS.
Due to the path delay difference between DQ and DQS, the maximum error respect to the
ideal case is one phase off, so the max error is 1/8 Tclk.
The maximum skew among the DQ/DM signals in a single data slice is about 30 ps.
For a frequency of 533.3 MHz, the period of the clock is TCLK= 1.875 ns.
mem_clk
ADDR/CTRL
max
error
max
error
Ts
Th
skew
skew
mem_clk
DQS
tDQSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com