Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR1340 Datasheet(PDF) 174 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 170Page - STMicroelectronics SPEAR1340 Datasheet HTML 171Page - STMicroelectronics SPEAR1340 Datasheet HTML 172Page - STMicroelectronics SPEAR1340 Datasheet HTML 173Page - STMicroelectronics SPEAR1340 Datasheet HTML 174Page - STMicroelectronics SPEAR1340 Datasheet HTML 175Page - STMicroelectronics SPEAR1340 Datasheet HTML 176Page - STMicroelectronics SPEAR1340 Datasheet HTML 177Page - STMicroelectronics SPEAR1340 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 200 page
background image
Timing characteristics
SPEAr1340
174/200
Doc ID 023063 Rev 4
5.11.2
CompactFlash true IDE PIO mode/UDMA mode
This section describes the timing characteristics for MCIF when interfacing CompactFlash in
true IDE mode PIO mode and UDMA mode.
The data in Table 88 has been measured in the following configuration:
– True IDE PIO mode = Mode 6
– HCLK period = 6 ns
– CF/XD (clk_xin) base clock period obtained by programming the MISC register
MCIF_CFXD_CLK_SYNT.
–Tclk_xin = T
– t0 is the minimum total cycle time. t0 must satisfy the following constraint
t0
t2 + t2i
t2 is the minimum command active time.
t2i is the minimum command active recovery time or command inactive time.
Figure 35.
MCIF - CF true IDE PIO mode waveform
Table 88.
MCIF - CF true IDE PIO mode timing characteristics
Symbol
Description
Min
Max
Unit
t0
Cycle time
18*T
ns
t1
Address Valid to IORD/IOWR setup
2*T
ns
t2
IORD/-IOWR
10*T
ns
t2i
IORD/-IOWR recovery time
8*T
ns
t3
IOWR data setup
9.5*T
ns
t4
IOWR data hold
T - 3.2
ns
t5
IORD data setup
5(1)
1.
t5 and t6 are the minimum timing requirements the external card has to respect in order to ensure
correct Read Data sampling inside SPEAr1340.
ns
t6
IORD data hold
4(1)
ns
t0
t4
t3
DATAOUT
DATAIN
t2
t5
t6
t1
t2
i
MCIF_Addr2,
MCIF_Addr1_CLE_CLK
MCIF_Addr0_ALE
MCIF_nCS0_nCE
MCIF_nCS1
MCIF_nIOWR_nWE
MCIF_nIORD_nRE
MCIF_Data[15:0]
MCIF_Data[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com