Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 110 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 110 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 106Page - Agere Systems OR3LP26B Datasheet HTML 107Page - Agere Systems OR3LP26B Datasheet HTML 108Page - Agere Systems OR3LP26B Datasheet HTML 109Page - Agere Systems OR3LP26B Datasheet HTML 110Page - Agere Systems OR3LP26B Datasheet HTML 111Page - Agere Systems OR3LP26B Datasheet HTML 112Page - Agere Systems OR3LP26B Datasheet HTML 113Page - Agere Systems OR3LP26B Datasheet HTML 114Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 184 page
background image
110
110
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Detailed Description
Quad Port (continued)
Target (PCI Bus Initiated) Read
The Target read operation presents unique demands
on the PCI core because only in the Target read opera-
tion does the PCI core request data that is needed to
complete the transaction after the PCI transaction has
already begun on the PCI bus. Target latency rules
require that the data be acquired quickly or that the Tar-
get terminate the transaction with a retry/disconnect.
Also, once the transfer process is underway, the Target
does not know how much more data will be requested,
yet the Target must prefetch data so that it will be avail-
able if needed. Special signals and protocols are
described below to efficiently deal with these unique
demands.
Operation Setup
The FPGA application waits for Target request, treqn,
from the PCI core to be active, indicating a Target oper-
ation, either read or write. It then asserts address
enable, taenn, to clock out the command and its
address. Table 40 describes the specific order of oper-
ation for a Target read transaction.
Bursts can be of any length, but will disconnect when
either of the following conditions occur:
s
tr_emptyn is asserted low.
s
The BAR boundary has been crossed.
Data Transfer
For a target read data transaction, the FPGA applica-
tion begins supplying the requested data by deassert-
ing taenn and asserting trdataenn. On every cycle that
trdataenn is asserted, the FPGA application clocks
data into the PCI core’s Target read FIFO (32 deep by
36 bits wide in 32-bit PCI mode; 16 deep by
72 bits wide in 64-bit PCI mode) via bus trdata. Since
the Target read FIFO will always be empty at the start
of a transaction, the first Target read request to a spe-
cific address will result in a retry, initiating a delayed
transaction (if signal trburstpendn is
deasserted high) or PCI bus wait-states (if signal
trburstpendn is asserted low).
The signal trpcihold can be asserted to hold off activa-
tion of the nonempty condition. While trpcihold is
active, the Target read FIFO empty flag will not change
to the nonempty state until it is full, but then will remain
in the nonempty state until that FIFO truly becomes
empty. Use of this signal can result in more efficient uti-
lization of PCI bus bandwidth by causing a full buffer
contents to be burst, without wait-states, whenever the
PCI bus is claimed. This is explained in the Delayed
Transactions section.
FIFO Full/Almost Full
When the Target read FIFO contains four or fewer
empty locations, the PCI core asserts tr_afulln, the
almost full indicator. This allows some latency to exist
in the FPGA’s response without risking overfilling the
FIFO. When all locations in the Target read FIFO are
full, the PCI core asserts tr_fulln, the full indicator.
Since the data can be simultaneously written to and
read from the Target read FIFO, both tr_afulln and
tr_fulln can change states in either direction multiple
times in the course of a burst data transfer.
FIFO Empty
In addition to the full and almost full signals that report
when the Target read FIFO is currently unable to
receive data from the FPGA application, the PCI core
also provides the FIFO's empty signal. If the FIFO does
go empty, the core will do one of two things. If twburst-
pendn is deasserted high, the target will disconnect. If
twburstpendn is asserted low, the target will assert up
to eight wait-states and then disconnect if still empty.
The FIFO empty flag is not generally used in user
designs. If it is, however, keep in mind that it is synchro-
nous to pciclk.
Bursting
Signal trlastcycn tells the FPGA application whether
the current read is a burst. One data element must be
supplied regardless of this signal’s state. The FPGA
application continues to supply data elements (contin-
gent on the full bits) as long as trlastcycn is inactive.
Note that this may result in the discarding of unused
data elements supplied in excess of the PCI transac-
tion’s needs. Burst transfers are done either as continu-
ous data phases if read data continues to be available
in the read data FIFO, or as a series of transfers termi-
nated as disconnects without data. Bursts will continue
until either trlastcycn is received, the BAR boundary is
crossed, or a 218 physical page address is crossed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com