Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 114 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 114 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 110Page - Agere Systems OR3LP26B Datasheet HTML 111Page - Agere Systems OR3LP26B Datasheet HTML 112Page - Agere Systems OR3LP26B Datasheet HTML 113Page - Agere Systems OR3LP26B Datasheet HTML 114Page - Agere Systems OR3LP26B Datasheet HTML 115Page - Agere Systems OR3LP26B Datasheet HTML 116Page - Agere Systems OR3LP26B Datasheet HTML 117Page - Agere Systems OR3LP26B Datasheet HTML 118Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
114
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Target Read I/O, Delayed Transaction
Figure 40 (PCI bus) and Figure 43 (FPGA bus) show the timing for a Target I/O read that is handled as a delayed
transaction. In other words, the operation completes on the local (FPGA) bus before completing on the PCI bus.
The FPGA application indicates its desire to do this by driving the delayed transaction signal deltrn active-low. In
Figure 40, three transactions are shown: the first is the initial read that latches the command, address, and byte
enables. The PCI core’s Target logic then issues a retry, obligating the remote Master to continue to issue that iden-
tical request until data is moved. Meanwhile, the latched information is relayed to the FPGA interface via the
address FIFO, triggering the FPGA interface exchange discussed below and in Figure 43. All subsequent read or
write requests to memory or I/O space will result in retries, as shown in the second transaction of Figure 40. The
third transaction is the final transaction that completes the transfer of data. The timing on this third transaction is
identical to the timing of the first except that trdyn accompanies stopn to indicate the disconnect with data.
The timing on the FPGA interface (Figure 40) shows that the first indication to the FPGA application that a new
operation has begun is the assertion of Target request (treqn), together with the new command on bus twdata.
The FPGA application responds by asserting Target address enable (taenn) and accepting the command and
lower DWORD address on bus twdata, after which taenn is deasserted. On the next clock, the upper DWORD
address is transferred. The FPGA application then accesses the requested data, asserts Target read data enable
(trdataenn), and transmits the data on bus trdata.
5-8858(F).a
Figure 40. Target I/O Read, Delayed (PCI Bus, 64-Bit)
Ta0 Ta1 Ta2 Ta3 Ta4 Ta5 Ta6 Tb0 Tb1 Tb2 Tb3 Tb4 Tb5 Tb6 Tc0
Tc1
Tc2
Tc3
Tc4
Tc5
Tc6
X
ADRS
X
X
ADRS
X
X
ADRS
X
DATA
X
CMD
BEs
X
X
CMD
BEs
X
X
CMD
BEs
X
clk
framen
ad
c_ben
irdyn
trdyn
stopn
evseln
TRANSACTION #1: ADDRESS, BYTE ENABLES,
AND COMMAND LATCHED AS A
DELAYED READ REQUEST.
TRANSACTION #2: DISCONNECTED W/O DATA
BECAUSE READ OPERATION NOT COMPLETED.
TRANSACTION #3: DISCONNECTED WITH DATA
BECAUSE READ OPERATION COMPLETED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com