Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 15Page - Advanced Micro Devices AM79C970A Datasheet HTML 16Page - Advanced Micro Devices AM79C970A Datasheet HTML 17Page - Advanced Micro Devices AM79C970A Datasheet HTML 18Page - Advanced Micro Devices AM79C970A Datasheet HTML 19Page - Advanced Micro Devices AM79C970A Datasheet HTML 20Page - Advanced Micro Devices AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 219 page
background image
P R E L I M I N A R Y
AMD
19
Am79C970A
PIN DESIGNATIONS – 144-PIN TQFP
Listed By Group
Pin Name
Pin Function
Type
Driver
No. of Pins
PCI Bus Interface
Attachment Unit Interface (AUI)
CI+/CI-
AUI Collision Differential Pair
I
N/A
2
DI+/DI-
AUI Data In Differential Pair
I
N/A
2
DO+/DO-
AUI Data Out Differential Pair
O
DO
2
DXCVR
Disable Transceiver
O
O6
1
10BASE-T Interface
LNKST
Link Status
O
LED
1
RXD+/RXD-
Receive Differential Pair
I
N/A
2
TXD+/TXD-
Transmit Differential Pair
O
TDO
2
TXP+/TXP-
Transmit Pre-distortion Differential Pair
O
TPO
2
General Purpose Serial Interface (GPSI)
CLSN
Collision
I
N/A
1
RXEN
Receive Enable
I
N/A
1
RXDAT
Receive Data
I
N/A
1
RXCLK
Receive Clock
I
N/A
1
TXCLK
Transmit Clock
I
N/A
1
TXDAT
Transmit Data
O
O6
1
TXEN
Transmit Enable
O
O6
1
External Address Detection Interface (EADI)
EAR
External Address Reject Low
I
N/A
1
SFBD
Start Frame Byte Delimiter
O
LED
1
SRD
Serial Receive Data
O
LED
1
SRDCLK
Serial Receive Data Clock
O
LED
1
IEEE 1149.1 Test Access Port Interface (JTAG)
TCK
Test Clock
I
N/A
1
TDI
Test Data In
I
N/A
1
TDO
Test Data Out
O
TS6
1
TMS
Test Mode Select
I
N/A
1
Test Interface
NOUT
NAND Tree Test Output
O
O6
1
Power Supplies
AVDD
Analog Power
P
N/A
4
AVSS
Analog Ground
P
N/A
2
VDD
Digital Power
P
N/A
6
VSS
Digital Ground
P
N/A
12
VDDB
I/O Buffer Power
P
N/A
4
VSSB
I/O Buffer Ground
P
N/A
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com