Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 40Page - Advanced Micro Devices AM79C970A Datasheet HTML 41Page - Advanced Micro Devices AM79C970A Datasheet HTML 42Page - Advanced Micro Devices AM79C970A Datasheet HTML 43Page - Advanced Micro Devices AM79C970A Datasheet HTML 44Page - Advanced Micro Devices AM79C970A Datasheet HTML 45Page - Advanced Micro Devices AM79C970A Datasheet HTML 46Page - Advanced Micro Devices AM79C970A Datasheet HTML 47Page - Advanced Micro Devices AM79C970A Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 219 page
background image
AMD
P R E L I M I N A R Y
44
Am79C970A
The following figure shows two non-burst read transac-
tions. The first transaction has zero wait states. In the
second transaction, the target extends the cycle by as-
serting
TRDY one clock later.
19436A-16
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
ADDR
0110
PAR
1
2345678
10
9
11
DATA
ADDR
DATA
PAR
PAR
PAR
0000
0110
0000
Figure 13. Non-Burst Read Transfer
Basic Burst Read Transfer
The PCnet-PCI II controller supports burst mode for all
bus master read operations. The burst mode must be
enabled by setting BREADE (BCR18, bit 6). To allow
burst transfers in descriptor read operations, the
PCnet-PCI II controller must also be programmed to use
SWSTYLE THREE (BCR20, bits 7–0). All burst read
accesses to the initialization block and descriptor ring
are of the PCI command type Memory Read (type 6).
Burst read accesses to the transmit buffer typically are
longer than two data phases. When MEMCMD (BCR18,
bit 9) is cleared to ZERO, all burst read accesses to the
transmit buffer are of the PCI command type Memory
Read Line (type 14). When MEMCMD (BCR18, bit 9) is
set to ONE, all burst read accesses to the transmit buffer
are of the PCI command type Memory Read Multiple
(type 12). AD[1:0] will both be ZERO during the address
phase indicating a linear burst order. Note that during a
burst read operation, all byte lanes will always be active.
The PCnet-PCI II controller will internally discard
unneeded bytes.
The PCnet-PCI II controller will always perform only a
single burst read transaction per bus mastership period,
where transaction is defined as one address phase and
one or multiple data phases. The PCnet-PCI II controller
supports zero wait state read cycles. It asserts
IRDY im-
mediately after the address phase and at the same time
starts sampling
DEVSEL. FRAME is deasserted when
the next to last data phase is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com