Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 65 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 65 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 61Page - Advanced Micro Devices AM79C970A Datasheet HTML 62Page - Advanced Micro Devices AM79C970A Datasheet HTML 63Page - Advanced Micro Devices AM79C970A Datasheet HTML 64Page - Advanced Micro Devices AM79C970A Datasheet HTML 65Page - Advanced Micro Devices AM79C970A Datasheet HTML 66Page - Advanced Micro Devices AM79C970A Datasheet HTML 67Page - Advanced Micro Devices AM79C970A Datasheet HTML 68Page - Advanced Micro Devices AM79C970A Datasheet HTML 69Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 219 page
background image
P R E L I M I N A R Y
AMD
65
Am79C970A
If a receive buffer does not end on a DWord boundary,
the PCnet-PCI II controller will perform a non-DWord
write on the last transfer to the buffer. The following fig-
ure shows the final three FIFO DMA transfers to a re-
ceive buffer. Since there were only nine bytes of space
left in the receive buffer, the PCnet-PCI II controller
burst three data phases. The first two data phases write
a full DWord, the last one only writes a single byte.
Note that the PCnet-PCI II controller will always perform
a DWord transfer as long as it owns the buffer space,
even when there are less then four bytes to write. For ex-
ample, if there is only one byte left for the current receive
frame, the PCnet-PCI II controller will write a full DWord,
containing the last byte of the receive frame in the least
significant byte position (BSWP is cleared to ZERO,
CSR3, bit 2). The content of the other three bytes is
undefined. The message byte count in the receive
descriptor always reflects the exact length of the
received frame.
19436A-34
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
1
234567
0000
0111
PAR
PAR
PAR
PAR
DEVSEL is sampled
1110
PAR
DATA
DATA
DATA
ADD
Figure 31. FIFO Burst Write At End Of Unaligned Buffer
In a PCI bus application the PCnet-PCI II controller
should be set up to have the length of a bus mastership
period be controlled only by the PCI Latency Timer. The
Timer bit (CSR4, bit 13) should remain at its default
value of ZERO so that the DMA Bus Activity Timer
(CSR82) is not enabled. The DMA Transfer Counter
(CSR80) should be disabled by setting DMAPLUS
(CSR4, bit 14) to ONE. In this mode, the PCnet-PCI II
controller will continue transferring FIFO data until the
transmit FIFO is filled to its high threshold (read trans-
fers) or the receive FIFO is emptied to its low threshold
(write transfers), or the PCnet-PCI II controller is
preempted, and the PCI Latency Timer is expired. The
host should use the values in the PCI MIN_GNT and
MAX_LAT registers to determine the value for the PCI
Latency Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com