Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 55Page - Advanced Micro Devices AM79C970A Datasheet HTML 56Page - Advanced Micro Devices AM79C970A Datasheet HTML 57Page - Advanced Micro Devices AM79C970A Datasheet HTML 58Page - Advanced Micro Devices AM79C970A Datasheet HTML 59Page - Advanced Micro Devices AM79C970A Datasheet HTML 60Page - Advanced Micro Devices AM79C970A Datasheet HTML 61Page - Advanced Micro Devices AM79C970A Datasheet HTML 62Page - Advanced Micro Devices AM79C970A Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 219 page
background image
P R E L I M I N A R Y
AMD
59
Am79C970A
19436A-29
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
PAR
DEVSEL is sampled
MD1
0000
0110
PAR
PAR
DATA
DATA
MD0
0000
0110
PAR
PAR
1
2345678
10
9
Figure 26. Descriptor Ring Read In Non-Burst Mode
During descriptor write accesses, only the byte lanes
which need to be written are enabled.
If buffer chaining is used, accesses to the descriptors of
all intermediate buffers consist of only one data transfer
to return ownership of the buffer to the system. When
SWSTYLE (BCR20, bits 7–0) is cleared to ZERO (i.e.
the descriptor entries are organized as 16-bit software
structures), the descriptor access will write a single byte.
When SWSTYLE (BCR20, bits 7–0) is set to ONE, TWO
or THREE (i.e. the descriptor entries are organized as
32-bit software structures), the descriptor access will
write a single word. On all single buffer transmit or re-
ceive descriptors, as well as on the last buffer in chain,
writes to the descriptor consist of two data transfers. The
first one writing a DWord containing status information.
The second data transfer writing a byte (SWSTYLE
cleared to ZERO) or otherwise a word containing addi-
tional status and the ownership bit (i.e. MD1[31]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com