Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 37Page - Advanced Micro Devices AM79C970A Datasheet HTML 38Page - Advanced Micro Devices AM79C970A Datasheet HTML 39Page - Advanced Micro Devices AM79C970A Datasheet HTML 40Page - Advanced Micro Devices AM79C970A Datasheet HTML 41Page - Advanced Micro Devices AM79C970A Datasheet HTML 42Page - Advanced Micro Devices AM79C970A Datasheet HTML 43Page - Advanced Micro Devices AM79C970A Datasheet HTML 44Page - Advanced Micro Devices AM79C970A Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 219 page
background image
P R E L I M I N A R Y
AMD
41
Am79C970A
During the data phase of an I/O write, memory mapped
I/O write or configuration write command that selects
the PCnet-PCI II controller as target, the device samples
the AD[31:0] and C/
BE[3:0] lines for parity on the clock
edge data is transferred. PAR is sampled in the follow-
ing clock cycle. If a parity error is detected and reporting
of that error is enabled by setting PERREN (PCI Com-
mand register, bit 6) to ONE,
PERR is asserted one
clock later. The parity error will always set PERR (PCI
Status register, bit 15) to ONE even when PERREN is
cleared to ZERO. The PCnet-PCI II controller will finish
a transaction that has a data parity error in the normal
way by asserting
TRDY. The corrupted data will be writ-
ten to the addressed location.
Figure 11 shows a transaction that suffered a parity
error at the time data was transferred (clock 7,
IRDY and
TRDY are both asserted). PERR is driven high at the
beginning of the data phase and then drops low due to
the parity error on clock 9, two clock cycles after the data
was transferred. After
PERR is driven low, the
PCnet-PCI II controller drives
PERR high for one clock
cycle, since
PERR is a sustained tri-state signal.
19436A-14
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
PAR
ADDR
CMD
PAR
1
2345678
10
9
DATA
PAR
BE
PERR
Figure 11. Slave Cycle Data Parity Error Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com