Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 83Page - Advanced Micro Devices AM79C970A Datasheet HTML 84Page - Advanced Micro Devices AM79C970A Datasheet HTML 85Page - Advanced Micro Devices AM79C970A Datasheet HTML 86Page - Advanced Micro Devices AM79C970A Datasheet HTML 87Page - Advanced Micro Devices AM79C970A Datasheet HTML 88Page - Advanced Micro Devices AM79C970A Datasheet HTML 89Page - Advanced Micro Devices AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 219 page
background image
P R E L I M I N A R Y
AMD
87
Am79C970A
transmitting, receiving, or in a collision state with both
functions active simultaneously. These signals are in-
ternal signals that can be programmed to appear on any
of the LED output pins. Programming is done by writing
to BCR4 to BCR7.
In the Link Fail state, XMT, RCV and COL are inactive.
Collision Detection Function
Activity on both twisted pair signals RXD
± and TXD± at
the same time constitutes a collision, thereby causing
the internal COL signal to be activated. COL will remain
active until one of the two colliding signals changes from
active to idle. However, transmission attempt in Link Fail
state results in LCAR and CERR indication. COL stays
active for 2 bit times at the end of a collision.
Signal Quality Error Test Function
The Signal Quality Error (SQE) test function (also called
Heartbeat) is disabled when the 10BASE-T port
is selected.
Jabber Function
The Jabber function prevents the twisted pair transmit
function of the T-MAU TXD
± from being active for an ex-
cessive period of time (20 ms to 150 ms). This prevents
any one node from disrupting the network due to a
“stuck-on” or faulty transmitter. If this maximum transmit
time is exceeded, the T-MAU transmitter circuitry is
disabled, the JAB bit is set (CSR4, bit 1) and the COL
signal is asserted. Once the transmit data stream is re-
moved, the T-MAU waits an “unjab” time of 250 ms to
750 ms before it deasserts COL and re-enables the
transmit circuitry.
Power Down
The T-MAU circuitry can be made to go into a power
savings mode. The T-MAU will go into the power down
mode when H_RESET is active, when coma mode is ac-
tive, or when the T-MAU is not selected. Refer to the
section “Power Savings Modes” for descriptions of the
various power down modes.
Any of the three conditions listed above resets the inter-
nal logic of the T-MAU and places the device into power
down mode. In this mode, the Twisted Pair driver pins
(TXD
±, TXP±) are driven LOW, and the internal T-MAU
status signals (
LNKST, RCVPOL, XMT, RCV and COL)
signals are inactive.
After coming out of the power down mode, the T-MAU
will remain in the reset state for an additional 10
µs. Im-
mediately after the reset condition is removed, the
T-MAU will be forced into the Link Fail state. The T-MAU
will move to the Link Pass state only after 5–6 link beat
pulses and/or a single received message is detected on
the RD
± pair.
In snooze mode, the T-MAU receive circuitry will remain
enabled even while the
SLEEP pin is driven LOW.
10BASE-T Interface Connection
The figure below shows the proper 10BASE-T network
interface design. Refer to Appendix A for a list of com-
patible 10BASE-T filter/transformer modules.
Note that the recommended resistor values and filter
and transformer modules are the same as those used by
the IMR+ (Am79C981).
XMT
Filter
RCV
Filter
RJ45
Connector
Filter &
Transformer
Module
TXP+
TXD-
TXP-
TXD+
RXD+
RXD-
PCnet–PCI II
TD+
TD-
RD+
RD-
1
2
3
6
61.9
422
61.9
422
100
1.21 K
1:1
1:1
19436A-41
Figure 38. 10BASE-T Interface Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com