Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 54Page - Advanced Micro Devices AM79C970A Datasheet HTML 55Page - Advanced Micro Devices AM79C970A Datasheet HTML 56Page - Advanced Micro Devices AM79C970A Datasheet HTML 57Page - Advanced Micro Devices AM79C970A Datasheet HTML 58Page - Advanced Micro Devices AM79C970A Datasheet HTML 59Page - Advanced Micro Devices AM79C970A Datasheet HTML 60Page - Advanced Micro Devices AM79C970A Datasheet HTML 61Page - Advanced Micro Devices AM79C970A Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 219 page
background image
AMD
P R E L I M I N A R Y
58
Am79C970A
Descriptor DMA Transfers
PCnet-PCI II controller microcode will determine when a
descriptor access is required. A descriptor DMA read
will consist of two data transfers. A descriptor DMA write
will consist of one or two data transfers. The descriptor
DMA transfers within a single bus mastership period will
always be of the same type (either all read or all write).
During descriptor read accesses, the byte enable sig-
nals will indicate that all byte lanes are active. Should
some of the bytes not be needed, then the PCnet-PCI II
controller will internally discard the extraneous informa-
tion that was gathered during such a read.
The settings of SWSTYLE (BCR20, bits 7–0) and
BREADE (BCR18, bit 6) affect the way the PCnet-PCI II
controller performs descriptor read operations.
When SWSTYLE is set to ZERO, ONE or TWO, all
descriptor read operations are performed in non-burst
mode. The setting of BREADE has no effect in
this configuration.
When SWSTYLE is set to THREE, the descriptor entries
are ordered to allow burst transfers. The PCnet-PCI II
controller will perform all descriptor read operations in
burst mode, if BREADE is set to ONE.
Table 4. Descriptor Read Sequence
SWSTYLE
BREADE
BCR18[6]
BCR20[7:0]
AD Bus Sequence
0
X
Address = XXXX XX00h
Turn around cycle
Data = MD1[31:24], MD0[23:0]
Idle
Address = XXXX XX04h
Turn around cycle
Data = MD2[15:0], MD1[15:0]
1,2
X
Address = XXXX XX04h
Turn around cycle
Data = MD1[31:0]
Idle
Address = XXXX XX00h
Turn around cycle
Data = MD0[31:0]
3
0
Address = XXXX XX04h
Turn around cycle
Data = MD1[31:0]
Idle
Address = XXXX XX08h
Turn around cycle
Data = MD0[31:0]
3
1
Address = XXXX XX04h
Turn around cycle
Data = MD1[31:0]
Data = MD0[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com