Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 59Page - Advanced Micro Devices AM79C970A Datasheet HTML 60Page - Advanced Micro Devices AM79C970A Datasheet HTML 61Page - Advanced Micro Devices AM79C970A Datasheet HTML 62Page - Advanced Micro Devices AM79C970A Datasheet HTML 63Page - Advanced Micro Devices AM79C970A Datasheet HTML 64Page - Advanced Micro Devices AM79C970A Datasheet HTML 65Page - Advanced Micro Devices AM79C970A Datasheet HTML 66Page - Advanced Micro Devices AM79C970A Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 219 page
background image
P R E L I M I N A R Y
AMD
63
Am79C970A
threshold (write transfers), or until the DMA Bus Activity
Timer (CSR82) has expired. The exact number of total
transfer cycles in the bus mastership period is depend-
ent on all of the following variables: the settings of the
FIFO watermarks, the conditions of the FIFOs, the
latency of the system bus to the PCnet-PCI II controller’s
bus request, the speed of bus operation and bus
preemption events. The DMA Transfer Counter is
disabled when DMAPLUS is set to ONE. The
TRDY re-
sponse time of the memory device will also affect the
number of transfers, since the speed of the accesses
will affect the state of the FIFO. During accesses, the
FIFO may be filling or emptying on the network end. For
example, on a receive operation, a slower
TRDY re-
sponse will allow additional data to accumulate inside of
the FIFO. If the accesses are slow enough, a complete
DWord may become available before the end of the bus
mastership period and thereby increase the number of
transfers in that period. The general rule is that the
longer the Bus Grant latency, the slower the bus transfer
operations, the slower the clock speed, the higher the
transmit watermark or the lower the receive watermark,
the longer the bus mastership period will be.
Note that the PCI Latency Timer is not significant during
non-burst transfers.
Burst FIFO DMA Transfers
Bursting is only performed by the PCnet-PCI II controller
if the BREADE and/or BWRITE bits of BCR18 are set.
These bits individually enable/disable the ability of the
PCnet-PCI II controller to perform burst accesses
during master read operations and master write
operations, respectively.
A burst transaction will start with an address phase, fol-
lowed by one or more data phases. AD[1:0] will always
be ZERO during the address phase indicating a linear
burst order.
During FIFO DMA read operations, all byte lanes will al-
ways be active. The PCnet-PCI II controller will inter-
nally discard unused bytes. During the first and the last
data phases of a FIFO DMA burst write operation, one or
more of the byte enable signals may be inactive. All
other data phases will always write a complete DWord.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com