Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 38Page - Advanced Micro Devices AM79C970A Datasheet HTML 39Page - Advanced Micro Devices AM79C970A Datasheet HTML 40Page - Advanced Micro Devices AM79C970A Datasheet HTML 41Page - Advanced Micro Devices AM79C970A Datasheet HTML 42Page - Advanced Micro Devices AM79C970A Datasheet HTML 43Page - Advanced Micro Devices AM79C970A Datasheet HTML 44Page - Advanced Micro Devices AM79C970A Datasheet HTML 45Page - Advanced Micro Devices AM79C970A Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 219 page
background image
AMD
P R E L I M I N A R Y
42
Am79C970A
Master Bus Interface Unit
The master bus interface unit (BIU) controls the
acquisition of the PCI bus and all accesses to the
initialization block, descriptor rings and the receive and
transmit buffer memory. The table below shows the us-
age of PCI commands by the PCnet-PCI II controller in
master mode.
Table 3. Master Commands
C[3:0]
Command
Use
0000
Interrupt Acknowledge
Not Used
0001
Special Cycle
Not Used
0010
I/O Read
Not Used
0011
I/O Write
Not Used
0100
Reserved
0101
Reserved
0110
Memory Read
Read of the Initialization Block and Descriptor Rings
Read of the Transmit Buffer in Non-burst Mode
0111
Memory Write
Write to the Descriptor Rings and to the Receive Buffer
1000
Reserved
1001
Reserved
1010
Configuration Read
Not Used
1011
Configuration Write
Not Used
1100
Memory Read Multiple
Read of the Transmit Buffer in Burst Mode
1101
Dual Address Cycle
Not Used
1110
Memory Read Line
Read of the Transmit Buffer in Burst Mode
1111
Memory Write Invalidate
Not Used
Bus Acquisition
The PCnet-PCI II controller microcode will determine
when a DMA transfer should be initiated. The first step in
any PCnet-PCI II controller bus master transfer is to
acquire ownership of the bus. This task is handled by
synchronous logic within the BIU. Bus ownership is re-
quested with the
REQ signal and ownership is granted
by the arbiter through the
GNT signal.
Figure 12 shows the PCnet-PCI II controller bus
acquisition.
REQ is asserted and the arbiter returns
GNT while another bus master is transferring data. The
PCnet-PCI II controller waits until the bus is idle
(
FRAME and IRDY deasserted) before it starts driving
AD[31:0] and C/
BE[3:0] on clock 5. FRAME is asserted
at clock 5 indicating a valid address and command on
AD[31:0] and C/
BE[3:0]. The PCnet-PCI II controller
does not use address stepping which is reflected by
ADSTEP (bit 7) in the PCI Command register being
hardwired to ZERO.
In burst mode, the deassertion of
REQ depends on the
setting of EXTREQ (BCR18, bit 8). If EXTREQ is
cleared to ZERO ,
REQ is deasserted at the same time
as
FRAME is asserted. (The PCnet-PCI II controller
never performs more than one burst transaction within a
single bus mastership period). If EXTREQ is set to ONE,
the PCnet-PCI II controller does not deassert
REQ until
it starts the last data phase of the transaction.
Once asserted,
REQ remains active until GNT has be-
come active, independent of subsequent setting of the
STOP (CSR0, bit 2) or SPND (CSR5, bit 0). The asser-
tion of H_RESET or S_RESET, however, will cause
REQ to go inactive immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com