Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 32Page - Advanced Micro Devices AM79C970A Datasheet HTML 33Page - Advanced Micro Devices AM79C970A Datasheet HTML 34Page - Advanced Micro Devices AM79C970A Datasheet HTML 35Page - Advanced Micro Devices AM79C970A Datasheet HTML 36Page - Advanced Micro Devices AM79C970A Datasheet HTML 37Page - Advanced Micro Devices AM79C970A Datasheet HTML 38Page - Advanced Micro Devices AM79C970A Datasheet HTML 39Page - Advanced Micro Devices AM79C970A Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 219 page
background image
AMD
P R E L I M I N A R Y
36
Am79C970A
read operation by setting the PREAD bit (BCR19, bit
14). While the EEPROM read is on-going, the
PCnet-PCI II controller will disconnect any slave access
where it is the target by asserting
STOP together with
DEVSEL, while driving TRDY high. STOP will stay as-
serted until the host removes
FRAME.
Note that I/O and memory slave accesses will only be
disconnected if they are enabled by setting the IOEN or
MEMEN bit in the PCI Command register. Without the
enable bit set, the cycles will not be claimed at all. Since
H_RESET clears the IOEN and MEMEN bits, for the
automatic EEPROM read after H_RESET the discon-
nect only applies to configuration cycles.
A second situation where the PCnet-PCI II controller will
generate a PCI disconnect/retry cycle is when the host
tries to access any of the I/O resources right after having
read the Reset register. Since the access generates an
internal reset pulse of about 1
µs in length, all further
slave accesses will be deferred until the internal reset
operation is completed.
19436A-9
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
STOP
1
2345
CMD
PAR
PAR
PAR
BE
DATA
ADDR
Figure 6. Disconnect Of Slave Cycle When Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com