Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 70Page - Advanced Micro Devices AM79C970A Datasheet HTML 71Page - Advanced Micro Devices AM79C970A Datasheet HTML 72Page - Advanced Micro Devices AM79C970A Datasheet HTML 73Page - Advanced Micro Devices AM79C970A Datasheet HTML 74Page - Advanced Micro Devices AM79C970A Datasheet HTML 75Page - Advanced Micro Devices AM79C970A Datasheet HTML 76Page - Advanced Micro Devices AM79C970A Datasheet HTML 77Page - Advanced Micro Devices AM79C970A Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 219 page
background image
AMD
P R E L I M I N A R Y
74
Am79C970A
interFrame gap to be generated, leading to a potential
reception failure of a subsequent frame. To enhance
system robustness the following optional measures,as
specified in 4.2.8, are recommended when InterFrame
Spacing Part 1 is other than ZERO:
1. Upon completing a transmission, start timing the
interpacket gap, as soon as transmitting and carrier
Sense are both false.
2. When timing an interFrame gap following reception,
reset the interFrame gap timing if carrier Sense be-
comes true during the first 2/3 of the interFrame gap
timing interval. During the final 1/3 of the interval the
timer shall not be reset to ensure fair access to the
medium. An initial period shorter than 2/3 of the
interval is permissible including ZERO.”
The MAC engine implements the optional receive two
part deferral algorithm, with a first part inter-frame-
spacing time of 6.0
µs. The second part of the
inter-frame-spacing interval is therefore 3.6
µs.
The PCnet-PCI II controller will perform the two part de-
ferral algorithm as specified in Section 4.2.8 (Process
Deference). The Inter Packet Gap (IPG) timer will start
timing the 9.6
µs InterFrameSpacing after the receive
carrier is deasserted. During the first part deferral (Inter-
Frame Spacing Part1 – IFS1) the PCnet-PCI II control-
ler will defer any pending transmit frame and respond to
the receive message. The IPG counter will be cleared to
ZERO continuously until the carrier deasserts, at which
point the IPG counter will resume the 9.6
µs count once
again. Once the IFS1 period of 6.0
µs has elapsed, the
PCnet-PCI II controller will begin timing the second part
deferral (Inter-Frame Spacing Part2 – IFS2) of 3.6
µs.
Once IFS1 has completed, and IFS2 has commenced,
the PCnet-PCI II controller will not defer to a receive
frame if a transmit frame is pending. This means that the
PCnet-PCI II controller will not attempt to receive the re-
ceive frame, since it will start to transmit, and generate a
collision at 9.6
µs. The PCnet-PCI II controller will com-
plete the preamble (64-bit) and jam (32-bit) sequence
before ceasing transmission and invoking the random
backoff algorithm.
This transmit two part deferral algorithm is implemented
as an option which can be disabled using the DXMT2PD
bit in CSR3. Two part deferral after transmission is
useful for ensuring that severe IPG shrinkage cannot
occur in specific circumstances, causing a transmit
message to follow a receive message so closely as to
make them indistinguishable.
During the time period immediately after a transmission
has been completed, the external transceiver (in the
case of a standard AUI connected device), should
generate the SQE Test message (a nominal 10 MHz
burst of 5–15 Bit Times duration) on the CI
± pair (within
0.6–1.6
µs after the transmission ceases). During the
time period in which the SQE Test message is expected
the PCnet-PCI II controller will not respond to receive
carrier sense.
See ANSI/IEEE Std 802.3-1990 Edition, 7.2.4.6 (1):
“At the conclusion of the output function, the DTE opens
a time window during which it expects to see the
signal_quality_error signal asserted on the Control
In circuit. The time window begins when the
CARRIER_STATUS becomes CARRIER_OFF. If exe-
cution of the output function does not cause
CARRIER_ON to occur, no SQE test occurs in the DTE.
The duration of the window shall be at least 4.0
µs but no
more than 8.0
µs. During the time window the Carrier
Sense Function is inhibited.”
The PCnet-PCI II controller implements a carrier sense
“blinding” period of 4.0
µs length starting from the
deassertion of carrier sense after transmission. This ef-
fectively means that when transmit two part deferral is
enabled (DXMT2PD is cleared) the IFS1 time is from
4
µs to 6 µs after a transmission. However, since IPG
shrinkage below 4
µs will rarely be encountered on a
correctly configured network, and since the fragment
size will be larger than the 4
µs blinding window, the IPG
counter will be reset by a worst case IPG shrinkage/frag-
ment scenario and the PCnet-PCI II controller will defer
its transmission. If carrier is detected within the 4.0 to
6.0
µs IFS1 period, the PCnet-PCI II controller will not
restart the “blinding” period, but only restart IFS1.
Collision Handling
Collision detection is performed and reported to
the MAC engine by the integrated Manchester
Encoder/Decoder (MENDEC).
If a collision is detected before the complete preamble/
SFD sequence has been transmitted, the MAC Engine
will complete the preamble/SFD before appending the
jam sequence. If a collision is detected after the pream-
ble/SFD has been completed, but prior to 512 bits being
transmitted, the MAC Engine will abort the transmis-
sion, and append the jam sequence immediately. The
jam sequence is a 32-bit all ZEROs pattern.
The MAC Engine will attempt to transmit a frame a total
of 16 times (initial attempt plus 15 retries) due to normal
collisions (those within the slot time). Detection of colli-
sion will cause the transmission to be re-scheduled to a
time determined by the random backoff algorithm. If a
single retry was required, the ONE bit will be set in the
transmit frame status. If more than one retry was re-
quired, the MORE bit will be set. If all 16 attempts experi-
enced collisions, the RTRY bit will be set (ONE and
MORE will be clear), and the transmit message will be
flushed from the FIFO. If retries have been disabled by
setting the DRTY bit in CSR15, the MAC Engine will
abandon transmission of the frame on detection of the
first collision. In this case, only the RTRY bit will be set
and the transmit message will be flushed from the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com