Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 89Page - Advanced Micro Devices AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices AM79C970A Datasheet HTML 92Page - Advanced Micro Devices AM79C970A Datasheet HTML 93Page - Advanced Micro Devices AM79C970A Datasheet HTML 94Page - Advanced Micro Devices AM79C970A Datasheet HTML 95Page - Advanced Micro Devices AM79C970A Datasheet HTML 96Page - Advanced Micro Devices AM79C970A Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 219 page
background image
P R E L I M I N A R Y
AMD
93
Am79C970A
register to a value that prevents the PCnet-PCI II
controller from claiming any memory cycles not in-
tended for it.
The Expansion ROM interface uses some of the same
pins as the GPSI interface. Simultaneous use of both
functions is not possible. Reading from the Expansion
ROM and then reconfiguring the pins to the GPSI mode
is supported. An external transceiver is required to pre-
vent contention between the GPSI signals and the data
outputs from the Expansion ROM.
EROE can be used
as control signal for the external transceiver.
After an H_RESET all pins are internally configured to
function as Expansion ROM interface. When the GPSI
interface is selected by setting PORTSEL (CSR15, bits
8–7) to 10b, the PCnet-PCI II controller will terminate
all further read accesses to Expansion ROM by assert-
ing
TRDY within two clock cycles. The read data will
be undefined.
During the boot procedure the system will try to find an
Expansion ROM. A PCI system assumes that an
Expansion ROM is present when it reads the ROM sig-
nature 55h (byte 0) and AAh (byte 1). A design without
Expansion ROM can guarantee that the Expansion
ROM detection fails by connecting two adjacent ERD
pins together and tying them high or low.
EEPROM Microwire Interface
The PCnet-PCI II controller contains a built-in capability
for reading and writing to an external serial EEPROM.
This built-in capability consists of an interface for direct
connection to a Microwire compatible EEPROM, an
automatic EEPROM read feature, and a user-program-
mable register that allows direct access to the Microwire
interface pins.
Automatic EEPROM Read Operation
Shortly after the deassertion of the
RST pin, the
PCnet-PCI II controller will read the contents of the
EEPROM that is attached to the Microwire interface.
Because of this automaticread capability of the PCnet-
PCI II controller, an EEPROM can be used to program
many of the features of the PCnet-PCI II controller at
power-up, allowing system-dependent configuration in-
formation to be stored in the hardware, instead of inside
the device driver.
If an EEPROM exists on the Microwire interface, the
PCnet-PCI II controller will read the EEPROM contents
at the end of the H_RESET operation. The EEPROM
contents will be serially shifted into a temporary register
and then sent to various register locations on board the
PCnet-PCI II controller. Access to the PCnet-PCI II con-
troller configuration space, the Expansion ROM or any
I/O resource is not possible during the EEPROM read
operation. The PCnet-PCI II controller will terminate any
access attempt with the assertion of
DEVSEL and
STOP while TRDY is not asserted, signaling to the initia-
tor to disconnect and retry the access at a later time.
A checksum verification is performed on the data that is
read from the EEPROM. If the checksum verification
passes, PVALID (BCR19, bit 15) will be set to ONE. If
the checksum verification of the EEPROM data fails,
PVALID will be cleared to ZERO and the PCnet-PCI II
controller will force all EEPROM-programmable BCR
registers back to their H_RESET default values. The
content of the Address PROM locations (offsets 0h–Fh
from the I/O or memory mapped I/O base address),
however, will not be cleared. The 8 bit checksum for the
entire 36 bytes of the EEPROM should be FFh.
If no EEPROM is present at the time of the automatic
read operation, the PCnet-PCI II controller will recog-
nize this condition and will abort the automatic read op-
eration and clear both the PREAD and PVALID bits in
BCR19. All EEPROM-programmable BCR registers will
be assigned their default values after H_RESET. The
content of the Address PROM locations (offsets 0h–Fh
from the I/O or memory mapped I/O base address) will
be undefined.
If the user wishes to modify any of the configuration bits
that are contained in the EEPROM, then the seven com-
mand, data and status bits of BCR19 can be used to
write to the EEPROM. After writing to the EEPROM, the
host should set the PREAD bit of BCR19. This action
forces a PCnet-PCI II controller re-read of the EEPROM
so that the new EEPROM contents will be loaded into
the EEPROM-programmable registers on board the
PCnet-PCI II controller. (The EEPROM-programmable
registers may also be reprogrammed directly, but only
information that is stored in the EEPROM will be pre-
served at system power-down.) When the PREAD bit of
BCR19 is set, it will cause the PCnet-PCI II controller to
ignore further accesses to the PCnet-PCI II controller
configuration space, the Expansion ROM, or any I/O re-
source until the completion of the EEPROM read opera-
tion. The PCnet-PCI II controller will terminate these
access attempts with the assertion of
DEVSEL and
STOP while TRDY is not asserted, signaling to the initia-
tor
to
disconnect
and
retry
the
access
at
a
later time.
EEPROM Auto-Detection
The PCnet-PCI II controller uses the EESK/
LED1/SFBD
pin to determine if an EEPROM is present in the system.
At the rising edge of CLK during the last clock during
which
RST is asserted, the PCnet-PCI II controller will
sample the value of the EESK/
LED1/SFBD pin. If the
sampled value is a ONE, then the PCnet-PCI II control-
ler assumes that an EEPROM is present, and the
EEPROM read operation begins shortly after the
RST
pin
is
deasserted.
If
the
sampled
value
of
EESK/
LED1/SFBD is a ZERO, the PCnet-PCI II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com