Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 85Page - Advanced Micro Devices AM79C970A Datasheet HTML 86Page - Advanced Micro Devices AM79C970A Datasheet HTML 87Page - Advanced Micro Devices AM79C970A Datasheet HTML 88Page - Advanced Micro Devices AM79C970A Datasheet HTML 89Page - Advanced Micro Devices AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices AM79C970A Datasheet HTML 92Page - Advanced Micro Devices AM79C970A Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 219 page
background image
P R E L I M I N A R Y
AMD
89
Am79C970A
Table 10. GPSI Pin Configuration
PCnet-PCI II
PCnet-PCI II
PCnet-PCI II
Controller
C-LANCE
Controller
Controller
Expansion
GPSI Function
GPSI I/O Type
GPSI Pin
GPSI Pin
Pin Number
ROM Pin
Collision
I
CLSN
CLSN
81
ERD3
Receive Clock
I
RCLK
RXCLK
85
ERD1
Receive Data
I
RX
RXDAT
86
ERD0
Receive Enable
I
RENA
RXEN
83
ERD2
Transmit Clock
I
TCLK
TXCLK
80
ERD4
Transmit Data
O
TX
TXDAT
75
ERD7
Transmit Enable
O
TENA
TXEN
77
ERD6
Note that the XTAL1 input must always be driven with a
clock source, even if GPSI mode is to be used. It is not
necessary for the XTAL1 clock to meet the normal fre-
quency and stability requirements in this case. Any fre-
quency between 8 MHz and 20 MHz is acceptable.
However, voltage drive requirements do not change.
When GPSI mode is used, XTAL1 must be driven for
several reasons:
s The default H_RESET configuration for the PCnet-
PCI II controller is AUI port selected and until GPSI
mode is selected, the XTAL1 clock is needed for
some internal operations (namely, RESET).
s The XTAL1 clock drives the EEPROM read opera-
tion, regardless of the network mode selected.
s The XTAL1 clock determines the length the internal
S_RESET caused by the read of the Reset register,
regardless of the network mode.
Note that if a clock slower than 20 MHz is provided at the
XTAL1 input, the time needed for EEPROM read and
the internal S_RESET will increase.
External Address Detection Interface
The External Address Detection Interface (EADI) is pro-
vided to allow external address filtering. It is selected by
setting the EADISEL bit in BCR2 to ONE. This feature is
typically utilized for terminal servers, bridges and/or
router products. The EADI interface can be used in con-
junction with external logic to capture the packet desti-
nation address from the serial bit stream as it arrives at
the PCnet-PCI II controller, compare the captured ad-
dress with a table of stored addresses or identifiers, and
then determine whether or not the PCnet-PCI II control-
ler should accept the packet.
The EADI interface outputs are delivered directly from
the NRZ decoded data and clock recovered by the
Manchester decoder or input into the GPSI port. This al-
lows the external address detection to be performed in
parallel with frame reception and address comparison in
the MAC Station Address Detection (SAD) block of the
PCnet-PCI II controller.
SRDCLK is provided to allow clocking of the receive bit
stream into the external address detection logic. Note
that when the 10BASE-T port is selected, transitions on
SRDCLK will only occur during receive activity. When
the AUI or GPSI port is selected, transitions on SRDCLK
will occur during both transmit and receive activity. Once
a received frame commences and data and clock are
available from the decoder, the EADI logic will monitor
the alternating (1,0) preamble pattern until the two
ONEs of the Start Frame Delimiter (SFD, 10101011 bit
pattern) are detected, at which point the SFBD output
will be driven HIGH.
The SFBD signal will initially be LOW. The assertion of
SFBD is a signal to the external address detection logic
that the SFD has been detected and that subsequent
SRDCLK cycles will deliver packet data to the external
logic. Therefore, when SFBD is asserted, the external
address matching logic should begin de-serialization of
the SRD data and send the resulting destination ad-
dress to a Content Addressable Memory (CAM) or other
address detection device. In order to reduce the amount
of logic external to the PCnet-PCI II controller for multi-
ple address decoding systems, the SFBD signal will
toggle at each new byte boundary within the packet,
subsequent to the SFD. This eliminates the need for ex-
ternally supplying byte framing logic.
SRD is the decoded NRZ data from the network. This
signal can be used for external address detection. Note
that when the 10BASE-T port is selected, transitions on
SRD will only occur during receive activity. When the
AUI or GPSI port is selected, transitions on SRD will oc-
cur during both transmit and receive activity.
The
EAR pin should be driven LOW by the external ad-
dress comparison logic to reject a frame.
If an address match is detected by comparison with
either the Physical Address or Logical Address Filter
registers contained within the PCnet-PCI II controller or
the frame is of the type “Broadcast”, then the frame will
be accepted regardless of the condition of
EAR. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com