Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 31Page - Advanced Micro Devices AM79C970A Datasheet HTML 32Page - Advanced Micro Devices AM79C970A Datasheet HTML 33Page - Advanced Micro Devices AM79C970A Datasheet HTML 34Page - Advanced Micro Devices AM79C970A Datasheet HTML 35Page - Advanced Micro Devices AM79C970A Datasheet HTML 36Page - Advanced Micro Devices AM79C970A Datasheet HTML 37Page - Advanced Micro Devices AM79C970A Datasheet HTML 38Page - Advanced Micro Devices AM79C970A Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 219 page
background image
P R E L I M I N A R Y
AMD
35
Am79C970A
bit 7), which is hardwired to ONE. The PCnet-PCI II con-
troller is capable of detecting a memory cycle even
when its address phase immediately follows the data
phase of a transaction to a different target without any
idle state in-between. There will be no contention on
the
DEVSEL, TRDY and STOP signals, since the
PCnet-PCI II controller asserts
DEVSEL on the second
clock after
FRAME is asserted (medium timing).
19436A-8
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
STOP
PAR
DEVSEL is sampled
ADDR
CMD
PAR
1
2345
42
43
44
45
DATA
PAR
BE
Figure 5. Expansion ROM Read
Exclusive Access
The host can lock a set of transactions to the
PCnet-PCI II controller. The lock allows exclusive ac-
cess to the device and can be used to guarantee atomic
operations. The PCnet-PCI II controller transitions from
the unlocked to the locked state when
LOCK is deas-
serted during the address phase of a transaction that se-
lects the device as the target. The controller stays in the
locked state until both
FRAME and LOCK are
deasserted, or until the device signals a target abort.
Note that this protocol means the device locks itself on
any normal transaction. The controller will unlock
automatically at the end of a normal transaction, be-
cause
FRAME and LOCK will be deasserted. The lock
spans over the whole slave address space. The lock
only applies to slave accesses. The PCnet-PCI II
controller might perform bus master cycles while being
locked in slave mode. When another master tries to
access the PCnet-PCI II controller while it is in the
locked state, the device terminates the access with a
disconnect/retry sequence.
Slave Cycle Termination
There are three scenarios besides normal completion of
a transaction where the PCnet-PCI II controller is the
target of a slave cycle and it will terminate the access.
Disconnect When Busy
The PCnet-PCI II controller cannot service any slave ac-
cess while it is reading the contents of the Microwire
EEPROM. Simultaneous access is not possible to avoid
conflicts, since the Microwire EEPROM is used to initial-
ize some of the PCI configuration space locations and
most of the BCRs. The Microwire EEPROM read opera-
tion will always happen automatically after the deasser-
tion of the
RST pin. In addition, the host can start the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com