Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 68Page - Advanced Micro Devices AM79C970A Datasheet HTML 69Page - Advanced Micro Devices AM79C970A Datasheet HTML 70Page - Advanced Micro Devices AM79C970A Datasheet HTML 71Page - Advanced Micro Devices AM79C970A Datasheet HTML 72Page - Advanced Micro Devices AM79C970A Datasheet HTML 73Page - Advanced Micro Devices AM79C970A Datasheet HTML 74Page - Advanced Micro Devices AM79C970A Datasheet HTML 75Page - Advanced Micro Devices AM79C970A Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 219 page
background image
AMD
P R E L I M I N A R Y
72
Am79C970A
update the current RDTE status with the end of frame
(ENP) indication set, write the message byte count
(MCNT) for the entire frame into RMD2 and overwrite
the “current” entries in the CSRs with the “next” entries.
Media Access Control
The Media Access Control (MAC) engine incorporates
the essential protocol requirements for operation of a
compliant Ethernet/802.3 node, and provides the inter-
face between the FIFO sub-system and the Manchester
Encoder/Decoder (MENDEC).
This section describes operation of the MAC engine
when operating in half-duplex mode. When operating in
half-duplex mode, the MAC engine is fully compliant to
Section 4 of ISO/IEC 8802-3 (ANSI/IEEE Standard
1990 Second Edition) and ANSI/IEEE 802.3 (1985).
When operating in full-duplex mode, the MAC engine
behavior
changes
as
described
in
the
section
“Full-Duplex Operation”.
The MAC engine provides programmable enhanced
features designed to minimize host supervision, bus
utilization, and pre- or post- message processing.
These include the ability to disable retries after a colli-
sion, dynamic FCS generation on a frame-by-frame ba-
sis, automatic pad field insertion and deletion to enforce
minimum frame size attributes, automatic re-transmis-
sion without reloading the FIFO, and automatic deletion
of collision fragments.
The two primary attributes of the MAC engine are:
s Transmit and receive message data encapsulation
— Framing (frame boundary delimitation, frame
synchronization)
— Addressing (source and destination address
handling)
— Error detection (physical medium transmission
errors)
s Media Access Management
— Medium allocation (collision avoidance)
— Contention resolution (collision handling)
Transmit and Receive Message Data
Encapsulation
The MAC engine provides minimum frame size enforce-
ment
for
transmit
and
receive
frames.
When
APAD_XMT (CSR, bit 11) is set to ONE, transmit mes-
sages will be padded with sufficient bytes (containing
00h) to ensure that the receiving station will observe an
information field (destination address, source address,
length/type, data and FCS) of 64 bytes. When
ASTRP_RCV (CSR4, bit 10) is set to ONE, the receiver
will automatically strip pad bytes from the received mes-
sage by observing the value in the length field, and strip-
ping excess bytes if this value is below the minimum
data
size
(46
bytes).
Both
features
can
be
independently over-ridden to allow illegally short (less
than 64 bytes of frame data) messages to be transmitted
and/or received. The use of this feature reduces bus
utilization because the pad bytes are not transferred into
or out of main memory.
Framing
The MAC engine will autonomously handle the con-
struction of the transmit frame. Once the transmit FIFO
has been filled to the predetermined threshold (set by
XMTSP in CSR80), and access to the channel is cur-
rently permitted, the MAC engine will commence the 7
byte preamble sequence (10101010b, where first bit
transmitted is a 1). The MAC engine will subsequently
append
the
Start
Frame
Delimiter
(SFD)
byte
(10101011b) followed by the serialized data from the
transmit FIFO. Once the data has been completed, the
MAC engine will append the FCS (most significant bit
first) which was computed on the entire data portion of
the frame. The data portion of the frame consists of des-
tination address, source address, length/type, and
frame data. The user is responsible for the correct order-
ing and content in each of these fields in the frame.
The receive section of the MAC engine will detect an in-
coming preamble sequence and lock to the encoded
clock. The internal MENDEC will decode the serial bit
stream and present this to the MAC engine. The MAC
will discard the first 8 bits of information before search-
ing for the SFD sequence. Once the SFD is detected, all
subsequent bits are treated as part of the frame. The
MAC engine will inspect the length field to ensure mini-
mum frame size, strip unnecessary pad characters (if
enabled), and pass the remaining bytes through the re-
ceive FIFO to the host. If pad stripping is performed, the
MAC engine will also strip the received FCS bytes, al-
though normal FCS computation and checking will oc-
cur. Note that apart from pad stripping, the frame will be
passed unmodified to the host. If the length field has a
value of 46 or greater, all frame bytes including FCS will
be passed unmodified to the receive buffer, regardless
of the actual frame length.
If the frame terminates or suffers a collision before 64
bytes of information (after SFD) have been received, the
MAC engine will automatically delete the frame from
the receive FIFO, without host intervention. The
PCnet-PCI II controller has the ability to accept
runt
packets
for
diagnostics
purposes
and
proprietary networks.
Destination Address Handling
The first 6 bytes of information after SFD will be inter-
preted as the destination address field. The MAC engine
provides facilities for physical (unicast), logical (multi-
cast) and broadcast address reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com