Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79C970A Datasheet HTML 1Page - Advanced Micro Devices AM79C970A Datasheet HTML 2Page - Advanced Micro Devices AM79C970A Datasheet HTML 3Page - Advanced Micro Devices AM79C970A Datasheet HTML 4Page - Advanced Micro Devices AM79C970A Datasheet HTML 5Page - Advanced Micro Devices AM79C970A Datasheet HTML 6Page - Advanced Micro Devices AM79C970A Datasheet HTML 7Page - Advanced Micro Devices AM79C970A Datasheet HTML 8Page - Advanced Micro Devices AM79C970A Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 219 page
background image
P R E L I M I N A R Y
AMD
3
Am79C970A
BLOCK DIAGRAM
19436A-1
FIFO
Control
PCI Bus
Interface
Unit
Rcv
FIFO
Xmt
FIFO
CLK
PAR
FRAME
C/
BE[3:0]
TRDY
IRDY
LOCK
IDSEL
DEVSEL
REQ
GNT
PERR
SERR
INTA
STOP
AD[31:00]
RST
NOUT
XTAL1
XTAL2
SLEEP
TXEN
TXCLK
TXDAT
RXEN
RXCLK
RXDAT
CLSN
GPSI
Port
JTAG
Port
Control
SRDCLK
SRD
EAR
EADI
Port
SF/BD
TXD+/-
TXP+/-
RXD+/-
LNKST
10BASE-T
MAU
DO+/-
DI +/-
CI+/-
Manchester
Encoder/
Decoder
(PLS) & AUI
Port
DXCVR
802.3
MAC
Core
ERA[7:0]
ERD[7:0]
ERACLK
EROE
Expansion
ROM
Interface
LED1
LED2
LED3
LED
Control
EECS
EESK
EEDI
EEDO
Microwire
EEPROM
Interface
TCK
TMS
TDO
TDI
Buffer
Management
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com