Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 18Page - Advanced Micro Devices AM79C970A Datasheet HTML 19Page - Advanced Micro Devices AM79C970A Datasheet HTML 20Page - Advanced Micro Devices AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 219 page
background image
AMD
P R E L I M I N A R Y
22
Am79C970A
PIN DESCRIPTION
PCI Interface
AD[31:0]
Address and Data
Input/Output
Address and data are multiplexed on the same bus in-
terface pins. During the first clock of a transaction
AD[31:0] contain a physical address (32 bits). During
the subsequent clocks AD[31:0] contain data. Byte or-
dering is little endian by default. AD[7:0] are defined as
least significant byte and AD[31:24] are defined as the
most significant byte. For FIFO data transfers, the
PCnet-PCI II controller can be programmed for big
endian byte ordering. See CSR3, bit 2 (BSWP) for
more details.
During the address phase of the transaction, when the
PCnet-PCI II controller is a bus master, AD[31:2] will
address the active Double Word (DWord). The
PCnet-PCI II controller always drives AD[1:0] to ‘00’ dur-
ing the address phase indicating linear burst order.
When the PCnet-PCI II controller is not a bus master,
the AD[31:0] lines are continuously monitored to deter-
mine if an address match exists for slave transfers.
During the data phase of the transaction, AD[31:0] are
driven by the PCnet-PCI II controller when performing
bus master write and slave read operations. Data on
AD[31:0] is latched by the PCnet-PCI II controller when
performing bus master read and slave write operations.
When
RST is active, AD[31:0] are inputs for NAND
tree testing.
C/BE[3:0]
Bus Command and Byte Enables
Input/Output
Bus command and byte enables are multiplexed on the
same bus interface pins. During the address phase of
the transaction, C/
BE[3:0] define the bus command.
During the data phase C/
BE[3:0] are used as byte en-
ables. The byte enables define which physical byte
lanes carry meaningful data. C/
BE0 applies to byte 0
(AD[7:0]) and C/
BE3 applies to byte 3 (AD[31:24]). The
function of the byte enables is independent of the byte
ordering mode (BSWP, CSR3, bit 2).
When
RST is active, C/BE[3:0] are inputs for NAND
tree testing.
CLK
Clock
Input
This clock is used to drive the system bus interface and
the internal buffer management unit. All bus signals are
sampled on the rising edge of CLK and all parameters
are defined with respect to this edge. The PCnet-PCI II
controller operates over a range of 0 MHz to 33 MHz.
This clock is not used to drive the network functions.
When
RST is active, CLK is an input for NAND
tree testing.
DEVSEL
Device Select
Input/Output
The PCnet-PCI II controller drives
DEVSEL when it
detects a transaction that selects the device as a target.
The device samples
DEVSEL to detect if a target
claims a transaction that the PCnet-PCI II controller
has initiated.
When
RST is active, DEVSEL is an input for NAND
tree testing.
FRAME
Cycle Frame
Input/Output
FRAME is driven by the PCnet-PCI II controller when it
is the bus master to indicate the beginning and duration
of a transaction.
FRAME is asserted to indicate a bus
transaction is beginning.
FRAME is asserted while data
transfers continue.
FRAME is deasserted before the fi-
nal data phase of a transaction. When the PCnet-PCI II
controller is in slave mode, it samples
FRAME to deter-
mine the address phase of transaction.
When
RST is active, FRAME is an input for NAND
tree testing.
GNT
Bus Grant
Input
This signal indicates that the access to the bus has been
granted to the PCnet-PCI II controller.
The PCnet-PCI II controller supports bus parking. When
the PCI bus is idle and the system arbiter asserts
GNT
without an active
REQ from the PCnet-PCI II controller,
the device will drive the AD[31:0], C/
BE[3:0] and
PAR lines.
When
RST is active, GNT is an input for NAND
tree testing.
IDSEL
Initialization Device Select
Input
This signal is used as a chip select for the
PCnet-PCI II controller during configuration read and
write transactions.
When
RST is active, IDSEL is an input for NAND
tree testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com