Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 78Page - Advanced Micro Devices AM79C970A Datasheet HTML 79Page - Advanced Micro Devices AM79C970A Datasheet HTML 80Page - Advanced Micro Devices AM79C970A Datasheet HTML 81Page - Advanced Micro Devices AM79C970A Datasheet HTML 82Page - Advanced Micro Devices AM79C970A Datasheet HTML 83Page - Advanced Micro Devices AM79C970A Datasheet HTML 84Page - Advanced Micro Devices AM79C970A Datasheet HTML 85Page - Advanced Micro Devices AM79C970A Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 219 page
background image
AMD
P R E L I M I N A R Y
82
Am79C970A
A system that wants to stop the clock during Magic
Packet mode should use one of the LED pins as an indi-
cator of Magic Packet frame detection. It should also
stop the clock after enabling Magic Packet mode, other-
wise PCI bus activity, including accessing CSR5 to set
MPMODE and possibly MPEN to a ONE, could be af-
fected. The clock should be restarted before Magic
Packet mode is disabled if MPEN is being cleared or the
clock must be restarted right after magic packet mode is
disabled if
SLEEP is being deasserted. Otherwise, the
receive FIFO may overflow if new frames arrive. The
network clock (XTAL1) must continue running at all
times while in Magic Packet mode.
MANCHESTER ENCODER/DECODER
The
integrated
Manchester
Encoder/Decoder
(MENDEC) provides the PLS (Physical Layer Signaling)
functions required for a fully compliant ISO 8802-3
(IEEE/ANSI 802.3) station. The MENDEC provides the
encoding function for data to be transmitted on the net-
work using the high accuracy on-board oscillator, driven
by either the crystal oscillator or an external CMOS level
compatible clock. The MENDEC also provides the de-
coding function from data received from the network.
The MENDEC contains a Power On Reset (POR) cir-
cuit, which ensures that all analog portions of the
PCnet-PCI II controller are forced into their correct state
during power up, and prevents erroneous data trans-
mission and/or reception during this time.
External Crystal Characteristics
When using a crystal to drive the oscillator, the following
crystal specification may be used to ensure less than
±0.5 ns jitter at DO±:
Table 7. Crystal Characteristics
Parameter
Min
Nom
Max
Units
1. Parallel Resonant Frequency
20
MHz
2. Resonant Frequency Error
–50
+50
PPM
3. Change in Resonant Frequency
With Respect To Temperature (0 – 70 C)*
–40
+40
PPM
4. Crystal Load Capacitance
20
50
pF
5. Motional Crystal Capacitance (C1)
0.022
pF
6. Series Resistance
35
ohm
7. Shunt Capacitance
7pF
8. Drive Level
TBD
mW
* Requires trimming specification, not trim is 50 PPM total.
External Clock Drive Characteristics
When driving the oscillator from a CMOS level
external clock source, XTAL2 must be left floating
(unconnected). An external clock having the following
characteristics must be used to ensure less than
±0.5 ns
jitter at DO
±.
Table 8. External Clock Source Characteristics
Clock Frequency:
20 MHz
±0.01%
Rise/Fall Time (tR/tF):
<= 6 ns from 0.5 V to VDD –0.5 V
XTAL1 HIGH/LOW Time (tHIGH/tLOW):
20 ns min.
XTAL1 Falling Edge to Falling Edge Jitter:
<
±0.2 ns at 2.5 V input (VDD/2)
MENDEC Transmit Path
The transmit section encodes separate clock and NRZ
data input signals into a standard Manchester encoded
serial bit stream. The transmit outputs (DO
±) are de-
signed to operate into terminated transmission lines.
When operating into a 78
Ω terminated transmission
line, the transmit signaling meets the required output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com