Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices AM79C970A Datasheet HTML 92Page - Advanced Micro Devices AM79C970A Datasheet HTML 93Page - Advanced Micro Devices AM79C970A Datasheet HTML 94Page - Advanced Micro Devices AM79C970A Datasheet HTML 95Page - Advanced Micro Devices AM79C970A Datasheet HTML 96Page - Advanced Micro Devices AM79C970A Datasheet HTML 97Page - Advanced Micro Devices AM79C970A Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 219 page
background image
AMD
P R E L I M I N A R Y
94
Am79C970A
controller assumes that an external pulldown device is
holding the EESK/
LED1/SFBD pin low indicating that
there is no EEPROM in the system. Note that if the de-
signer creates a system that contains an LED circuit on
the EESK/
LED1/SFBD pin but has no EEPROM pre-
sent, then the EEPROM auto-detection function will in-
correctly conclude that an EEPROM is present in the
system. However, this will not pose a problem for the
PCnet-PCI II controller, since the checksum verification
will fail.
Direct Access to the Microwire Interface
The user may directly access the Microwire port through
the EEPROM register, BCR19. This register contains
bits that can be used to control the Microwire interface
pins. By performing an appropriate sequence of ac-
cesses to BCR19, the user can effectively write to and
read from the EEPROM. This feature may be used by a
system configuration utility to program hardware con-
figuration information into the EEPROM.
EEPROM-programmable Registers
The following registers contain configuration informa-
tion that will be programmed automatically during the
EEPROM read operation:
s I/O offsets 0h–Fh
Address PROM locations
s BCR2
Miscellaneous Configuration
register
s BCR4
Link Status LED register
s BCR5
LED1 Status register
s BCR6
LED2 Status register
s BCR7
LED3 Status register
s BCR9
Full-Duplex Control register
s BCR18
Burst and Bus Control
register
s BCR22
PCI Latency register
If PREAD (BCR19, bit 14) and PVALID (BCR19, bit 15)
are cleared to ZERO, then the EEPROM read has
experienced a failure and the contents of the EEPROM
programmable BCR register will be set to default
H_RESET values. The content of the Address PROM
locations, however, will not be cleared.
Note that accesses to the Address PROM I/O locations
do not directly access the Address EEPROM itself. In-
stead, these accesses are routed to a set of shadow reg-
isters on board the PCnet-PCI II controller that are
loaded with a copy of the EEPROM contents during the
automatic read operation that immediately follows the
H_RESET operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com