Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices AM79C970A Datasheet HTML 27Page - Advanced Micro Devices AM79C970A Datasheet HTML 28Page - Advanced Micro Devices AM79C970A Datasheet HTML 29Page - Advanced Micro Devices AM79C970A Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 219 page
background image
AMD
P R E L I M I N A R Y
26
Am79C970A
Expansion ROM Interface
ERA[7:0]
Expansion ROM Address
Output
These pins provide the address to the Expansion ROM.
When
EROE is asserted and ERACLK is driven HIGH,
ERA[7:0] contain the upper 8 bits of the Expansion ROM
address. They must be latched externally. When
EROE
is asserted and ERACLK is low, ERA[7:0] contain the
lower 8 bits of the Expansion ROM address.
All ERA outputs are forced to a constant level to con-
serve power while no access to the Expansion ROM
is performed.
ERACLK
Expansion ROM Address Clock
Output
When
EROE is asserted and ERACLK is driven HIGH,
ERA[7:0] contain the upper 8 bits of the Expansion
ROM address. ERACLK is used to latch the address
bits externally. Both ’373 (transparent latch) and ’374
(D flip-flop) types of address latch are supported.
ERD[7:0]
Expansion ROM Data
Input
Data from the Expansion ROM is transferred on
ERD[7:0]. When
EROE is high, the ERD[7:0] inputs are
internally disabled and can be left floating.
Note that the ERD[7:0] pins are multiplexed with the
GPSI interface.
EROE
Expansion ROM Output Enable
Output
This signal is asserted when the Expansion ROM
is read.
Attachment Unit Interface
CI
±
Collision In
Input
CI
± is a differential input pair signaling the PCnet-PCI II
controller that a collision has been detected on the net-
work media, indicated by the CI
± inputs being driven
with a 10 MHz pattern of sufficient amplitude and pulse
width to meet ISO 8802-3 (IEEE/ANSI 802.3) stan-
dards. Operates at pseudo ECL levels.
DI
±
Data In
Input
DI
± is a differential input pair to the PCnet-PCI II control-
ler carrying Manchester encoded data from the network.
Operates at pseudo ECL levels.
DO
±
Data Out
Output
DO
± is a differential output pair from the PCnet-PCI II
controller for transmitting Manchester encoded data to
the network. Operates at pseudo ECL levels.
DXCVR
Disable Transceiver
Output
The DXCVR signal is provided to power down an exter-
nal transceiver or DC-to-DC converter in designs that
provide more than one network connection.
The polarity of the asserted state of the DXCVR output is
controlled by DXCVRPOL (BCR2, bit 4). By default, the
DXCVR output is high when asserted. When the
10BASE-T interface is the active network port, the
DXCVR output is always deasserted. When the AUI or
GPSI interface is the active network port, the assertion
of the DXCVR output is controlled by the setting of
DXCVRCTL (BCR2, bit 5).
Note that the DXCVR pin is multiplexed with the
NOUT pin.
Twisted Pair Interface
LNKST
Link Status
Output
This output is designed to directly drive an LED. By de-
fault,
LNKST indicates an active link connection on the
10BASE-T interface. This pin can also be programmed
to indicate other network status (see BCR4). The
LNKST pin polarity is programmable, but by default, it is
active LOW.
Note that the
LNKST pin is multiplexed with the
EEDI pin.
RXD
±
10BASE-T Receive Data
Input
10BASE-T port differential receivers.
TXD
±
10BASE-T Transmit Data
Output
10BASE-T port differential drivers.
TXP
±
10BASE-T Pre-Distortion Control
Output
These outputs provide transmit pre-distortion control in
conjunction with the 10BASE-T port differential drivers.
General Purpose Serial Interface
CLSN
Collision
Input
CLSN is an input, indicating that a collision has occurred
on the network.
Note that the CLSN pin is multiplexed with the ERD3 pin.
RXCLK
Receive Clock
Input
RXCLK is an input. Rising edges of the RXCLK signal
are used to sample the data on the RXDAT input when-
ever the RXEN input is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com