Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 86Page - Advanced Micro Devices AM79C970A Datasheet HTML 87Page - Advanced Micro Devices AM79C970A Datasheet HTML 88Page - Advanced Micro Devices AM79C970A Datasheet HTML 89Page - Advanced Micro Devices AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices AM79C970A Datasheet HTML 92Page - Advanced Micro Devices AM79C970A Datasheet HTML 93Page - Advanced Micro Devices AM79C970A Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 219 page
background image
AMD
P R E L I M I N A R Y
90
Am79C970A
the EADISEL bit of BCR2 is set to ONE and the PCnet-
PCI II controller is programmed to promiscuous mode
(PROM bit of the Mode Register is set to ONE), then all
incoming frames will be accepted, regardless of any ac-
tivity on the
EAR pin.
Internal address match is disabled when PROM
(CSR15, bit 15) is cleared to ZERO, DRCVBC (CSR15,
bit 14) and DRCVPA (CSR15, bit 13) are set to ONE and
the Logical Address Filter registers (CSR8 to CSR11)
are programmed to all ZEROs.
When the EADISEL bit of BCR2 is set to ONE and inter-
nal address match is disabled, then all incoming frames
will be accepted by the PCnet-PCI II controller, unless
the
EAR pin becomes active during the first 64 bytes of
the frame (excluding preamble and SFD). This allows
external address lookup logic approximately 58 byte
times after the last destination address bit is available to
generate the
EAR signal, assuming that the PCnet-PCI
II controller is not configured to accept runt packets. The
EADI logic only samples
EAR from 2 bit times after SFD
until 512 bit times (64 bytes) after SFD. The frame will be
accepted if
EAR has not been asserted during this win-
dow. If Runt Packet Accept (CSR124, bit 3) is enabled,
then the
EAR signal must be generated prior to the re-
ceive message completion, if frame rejection is to be
guaranteed. Runt packet sizes could be as short as 12
byte times (assuming 6 bytes for source address, 2
bytes for length, no data, 4 bytes for FCS) after the last
bit of the destination address is available.
EAR must
have a pulse width of at least 110 ns.
Note that when the PCnet-PCI II controller is operating
in full-duplex mode or runt packet accept is turned on
(CSR124, bit 3) the Receive FIFO Watermark (CSR80,
bits 13–12) must be programmed to 64 (01b) or 128
(10b) to allow the full window of 512 bit times after SFD
for the assertion of
EAR. If the watermark was pro-
grammed to 16 (00b), receive FIFO DMA could start be-
fore
EAR is asserted to reject the frame.
The EADI outputs continue to provide data throughout
the reception of a frame. This allows the external logic
to capture frame header information to determine
protocol type, inter-networking information, and other
useful data.
The EADI interface will operate as long as the STRT bit
in CSR0 is set, even if the receiver and/or transmitter
are disabled by software (DTX and DRX bits in CSR15
are set). This configuration is useful as a semi-power-
down mode in that the PCnet-PCI II controller will not
perform any power-consuming DMA operations. How-
ever, external circuitry can still respond to control
frames on the network to facilitate remote node control.
The table below summarizes the operation of the
EADI interface:
Table 11. EADI Operations
PROM
EAR
Required Timing
Received Messages
1
X
No timing requirements
All received frames
0
1
No timing requirements
All received frames
0
0
Low for 110 ns during the window from
PCnet-PCI II controller internal physical
2 bits after SFD to 512 bits after SFD
address and logical address filter
matches and broadcast frames
Expansion ROM Interface
The Expansion ROM is an 8-bit ROM connected to the
PCnet-PCI II controller Expansion ROM Data bus
(ERD). It can be of up to 64 Kbytes in size. The Expan-
sion ROM Address bus (ERA) is 8 bits wide. An external
latch is required to store the upper 8 bits of the 16-bit ad-
dress to the ROM. All ERA outputs are forced to a con-
stant level to conserve power while no access to the
Expansion ROM is performed.
EROE is asserted during the Expansion ROM read op-
eration. This signal can be used to control the
OE input
of the ROM. In an application that does not use the GPSI
port, EROE can be left unconnected and the
OE input of
the ROM can be tied to ground to always enable the
ROM data outputs. The
CE input of the ROM can either
be tied to ground or it can also be connected to EROE.
The signal ERACLK is provided to strobe the upper 8
bits of the address into an external latch. The timing rela-
tion of ERACLK to ERA is such that both ’373 (transpar-
ent latch) and ’374 (D flip-flop) types of address latch
can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com