Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 20Page - Advanced Micro Devices AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices AM79C970A Datasheet HTML 27Page - Advanced Micro Devices AM79C970A Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 219 page
background image
AMD
P R E L I M I N A R Y
24
Am79C970A
H_RESET (HARDWARE_RESET).
RST must be held
for a minimum of 30 clock periods. While in the H_RE-
SET state, the PCnet-PCI II controller will disable or
deassert all outputs.
RST may be asynchronous to CLK
when asserted or deasserted. It is recommended that
the deassertion be synchronous to guarantee clean and
bounce free edge.
When
RST is active, NAND tree testing is enabled. All
PCI interface pins are in input mode. The result of the
NAND tree testing can be observed on the NOUT
output (pin 62).
SERR
System Error
Input/Output
During any slave transaction, the PCnet-PCI II controller
asserts
SERR when it detects an address parity error
and reporting of the error is enabled by setting PERREN
(PCI Command register, bit 6) and SERREN (PCI Com-
mand register, bit 8) to ONE.
By default
SERR is an open-drain output. For compo-
nent test it can be programmed to be an active-high to-
tem-pole output.
When
RST is active, SERR is an input for NAND
tree testing.
STOP
Stop
Input/Output
In slave mode, the PCnet-PCI II controller drives the
STOP signal to inform the bus master to stop the current
transaction. In bus master mode, the PCnet-PCI II con-
troller checks
STOP to determine if the target wants to
disconnect the current transaction.
When
RST is active, STOP is an input for NAND
tree testing.
TRDY
Target Ready
Input/Output
TRDY indicates the ability of the target of the transaction
to complete the current data phase.
TRDY is used in
conjunction with
IRDY. Wait states are inserted until
both
IRDY and TRDY are asserted simultaneously. A
data phase is completed on any clock when both
IRDY
and
TRDY are asserted.
When the PCnet-PCI II controller is a bus master, it
checks
TRDY during all read data phases to determine if
valid data is present on AD[31:0]. During all write data
phases the device checks
TRDY to determine if the tar-
get is ready to accept the data.
When the PCnet-PCI II controller is the target of a trans-
action, it asserts
TRDY during all read data phases to in-
dicate that valid data is present on AD[31:0]. During all
write data phases the device asserts
TRDY to indicate
that it is ready to accept the data.
When
RST is active, TRDY is an input for NAND
tree testing.
Board Interface
LED1
LED1
Output
This output is designed to directly drive an LED. By de-
fault,
LED1 indicates receive activity on the network.
This pin can also be programmed to indicate other
network status (see BCR5). The
LED1 pin polarity is
programmable, but by default, it is active LOW.
Note that the
LED1 pin is multiplexed with the EESK and
SFBD pins.
LED2
LED2
Output
This output is designed to directly drive an LED. By de-
fault,
LED2 indicates correct receive polarity on the
10BASE-T interface. This pin can also be programmed
to indicate other network status (see BCR6). The
LED2
pin polarity is programmable, but by default, it is
active LOW.
Note that the
LED2 pin is multiplexed with the
SRDCLK pin.
LED3
LED3
Output
This output is designed to directly drive an LED. By de-
fault,
LED3 indicates transmit activity on the network.
This pin can also be programmed to indicate other net-
work status (see BCR7). The
LED3 pin polarity is pro-
grammable, but by default, it is active LOW.
Note that the
LED3 pin is multiplexed with the EEDO
and SRD pins.
Special attention must be given to the external circuitry
attached to this pin. When this pin is used to drive an
LED while an EEPROM is used in the system, then buff-
ering is required between the
LED3 pin and the LED cir-
cuit. If an LED circuit were directly attached to this pin, it
would create an IOL requirement that could not be met
by the serial EEPROM attached to this pin. If no
EEPROM is included in the system design, then the
LED3 signal may be directly connected to an LED with-
out buffering. For more details regarding LED connec-
tion, see the section “LED Support”.
SLEEP
Sleep
Input
When
SLEEP is asserted, the PCnet-PCI II controller
performs an internal system reset of the S_RESET type
and then proceeds into a power savings mode. All
PCnet-PCI II controller outputs will be placed in their
normal reset condition. All PCnet-PCI II controller inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com