Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices AM79C970A Datasheet HTML 27Page - Advanced Micro Devices AM79C970A Datasheet HTML 28Page - Advanced Micro Devices AM79C970A Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 219 page
background image
P R E L I M I N A R Y
AMD
25
Am79C970A
will be ignored except for the
SLEEP pin itself. Deasser-
tion of
SLEEP results in wake-up. The system must re-
frain from starting the network operations of the
PCnet-PCI II controller device for 0.5 s following the
deassertion of the
SLEEP signal in order to allow inter-
nal analog circuits to stabilize.
Both CLK and XTAL1 inputs must have valid clock sig-
nals present in order for the
SLEEP command to
take effect.
The
SLEEP pin should not be asserted during power
supply ramp-up. If it is desired that
SLEEP be asserted
at power up time, then the system must delay the asser-
tion of
SLEEP until three clock cycles after the comple-
tion of a hardware reset operation.
The
SLEEP pin must not be left unconnected. It should
be tied to VDD, if the power savings mode is not used.
XTAL1
Crystal Oscillator In
Input
The internal clock generator uses a 20 MHz crystal that
is attached to the pins XTAL1 and XTAL2. The network
data rate is one-half of the crystal frequency. XTAL1
may alternatively be driven using an external 20 MHz
CMOS level clock signal. Refer to the section “External
Crystal Characteristics” for more details.
Note that when the PCnet-PCI II controller is in coma
mode, there is an internal 22 k
Ω resistor from XTAL1 to
ground. If an external source drives XTAL1, some
power will be consumed driving this resistor. If XTAL1 is
driven LOW at this time power consumption will be mini-
mized. In this case, XTAL1 must remain active for at
least 30 cycles after the assertion of
SLEEP and
deassertion of
REQ.
XTAL2
Crystal Oscillator Out
Output
The internal clock generator uses a 20 MHz crystal that
is attached to the pins XTAL1 and XTAL2. The network
data rate is one-half of the crystal frequency. If an exter-
nal clock source is used on XTAL1, then XTAL 2 should
be left unconnected.
Microwire EEPROM Interface
EECS
EEPROM Chip Select
Output
This pin is designed to directly interface to a serial
EEPROM that uses the Microwire interface protocol.
EECS is connected to the Microwire EEPROM chip se-
lect pin. It is controlled by either the PCnet-PCI II con-
troller during command portions of a read of the entire
EEPROM, or indirectly by the host system by writing to
BCR19, bit 2.
EEDI
EEPROM Data In
Output
This pin is designed to directly interface to a serial
EEPROM that uses the Microwire interface protocol.
EEDI is connected to the Microwire EEPROM data input
pin. It is controlled by either the PCnet-PCI II controller
during command portions of a read of the entire
EEPROM, or indirectly by the host system by writing to
BCR19, bit 0.
Note that the EEDI pin is multiplexed with the
LNKST pin.
EEDO
EEPROM Data Out
Input
This pin is designed to directly interface to a serial
EEPROM that uses the Microwire interface protocol.
EEDO is connected to the Microwire EEPROM data out-
put pin. It is controlled by either the PCnet-PCI II control-
ler during command portions of a read of the entire
EEPROM, or indirectly by the host system by reading
from BCR19, bit 0.
Note that the EEDO pin is multiplexed with the
LED3
and SRD pins.
EESK
EEPROM Serial clock
Input/Output
This pin is designed to directly interface to a serial
EEPROM that uses the Microwire interface protocol.
EESK is connected to the Microwire EEPROM clock pin.
It is controlled by either the PCnet-PCI II controller di-
rectly during a read of the entire EEPROM, or indirectly
by the host system by writing to BCR19, bit 1.
Note that the EESK pin is multiplexed with the
LED1 and
SFBD pins.
The EESK pin is also used during EEPROM Auto-detec-
tion to determine whether or not an EEPROM is present
at the PCnet-PCI II controller Microwire interface. At the
rising edge of CLK during the last clock during which
RST is asserted, EESK is sampled to determine the
value of the EEDET bit in BCR19. A sampled HIGH
value means that an EEPROM is present, and EEDET
will be set to ONE. A sampled LOW value means that an
EEPROM is not present, and EEDET will be cleared to
ZERO. See the section “EEPROM Auto-Detection” for
more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead, in or-
der to resolve the EEDET setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com