Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 88Page - Advanced Micro Devices AM79C970A Datasheet HTML 89Page - Advanced Micro Devices AM79C970A Datasheet HTML 90Page - Advanced Micro Devices AM79C970A Datasheet HTML 91Page - Advanced Micro Devices AM79C970A Datasheet HTML 92Page - Advanced Micro Devices AM79C970A Datasheet HTML 93Page - Advanced Micro Devices AM79C970A Datasheet HTML 94Page - Advanced Micro Devices AM79C970A Datasheet HTML 95Page - Advanced Micro Devices AM79C970A Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 219 page
background image
AMD
P R E L I M I N A R Y
92
Am79C970A
The timing diagram below assumes the default pro-
gramming of ROMTMG (1001b = 9 CLK). After reading
the first byte, the PCnet-PCI II controller reads in three
more bytes by incrementing the lower portion of the
ROM address. After the last byte is strobed in,
TRDY will
be asserted on clock 44. When the host tries to perform
a burst read of the Expansion ROM, the PCnet-PCI II
will disconnect the access at the second data phase.
19436A-43
FRAME
AD
C/
BE
PAR
IRDY
TRDY
DEVSEL
STOP
ERA
ERD
EROE
ERACLK
CLK
123456789
10
11
12
13
14
15
16
17
18
19
20
A[15:8]
A[7:2],0,0
A[7:2],0,1
FRAME
AD
C/
BE
PAR
IRDY
TRDY
DEVSEL
STOP
ERA
ERD
EROE
ERACLK
CLK
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
21
22
23
44
45
A[7:2],1,0
A[7:2],1,1
Figure 40. Expansion ROM Bus Read Sequence
The host must program the Expansion ROM Base Ad-
dress register in the PCI configuration space before the
first access to the Expansion ROM. The PCnet-PCI II
controller will not react to any access to the Expansion
ROM until both MEMEN (PCI Command register, bit 1)
and ROMEN (PCI Expansion ROM Base Address regis-
ter, bit 0) are set to ONE. After the Expansion ROM is
enabled, the PCnet-PCI II controller will claim all mem-
ory read accesses with an address between ROMBASE
and ROMBASE + 64K – 4 (ROMBASE, PCI Expansion
ROM Base Address register, bits 31–11). The address
output to the Expansion ROM is the offset from the ad-
dress on the PCI bus to ROMBASE. The PCnet-PCI II
controller aliases all accesses to the Expansion ROM of
the command types “Memory Read Multiple” and “Mem-
ory Read Line” to the basic Memory Read command.
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given to
the PCI Memory Mapped I/O Base Address register, be-
fore enabling access to the Expansion ROM. The host
must set the PCI Memory Mapped I/O Base Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com