Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C970A Datasheet HTML 1Page - Advanced Micro Devices AM79C970A Datasheet HTML 2Page - Advanced Micro Devices AM79C970A Datasheet HTML 3Page - Advanced Micro Devices AM79C970A Datasheet HTML 4Page - Advanced Micro Devices AM79C970A Datasheet HTML 5Page - Advanced Micro Devices AM79C970A Datasheet HTML 6Page - Advanced Micro Devices AM79C970A Datasheet HTML 7Page - Advanced Micro Devices AM79C970A Datasheet HTML 8Page - Advanced Micro Devices AM79C970A Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 219 page
background image
AMD
P R E L I M I N A R Y
2
Am79C970A
The PCnet-PCI II controller is a complete Ethernet node
integrated into a single VLSI device. It contains a bus
interface unit, a DMA buffer management unit, an IEEE
802.3-compliant Media Access Control (MAC) function,
individual 272-byte transmit and 256-byte receive
FIFOs, an IEEE 802.3-compliant Attachment Unit
Interface (AUI) and Twisted-Pair Transceiver Media
Attachment Unit (10BASE-T MAU) that can both
operate in either half-duplex or full-duplex mode.
The PCnet-PCI II controller is register compatible with
the
LANCE
(Am7990)
Ethernet
controller,
the
C-LANCE (Am79C90) Ethernet controller, the ILACC
(Am79C900) Ethernet controller, and all Ethernet
controllers
in
the
PCnet
Family,
including
the
PCnet-ISA
controller
(Am79C960),
PCnet-ISA+
controller
(Am79C961),
PCnet-ISA
II
controller
(Am79C961A),
PCnet-32
controller
(Am79C965),
PCnet-PCI controller (Am79970), and the PCnet-SCSI
controller (Am79C974). The buffer management unit
supports the C-LANCE, ILACC, and PCnet descriptor
software models. The PCnet-PCI II controller is
software compatible with the Novell® NE2100 and
NE1500 Ethernet adapter card architectures.
The 32-bit multiplexed bus interface unit provides a di-
rect interface to PCI local bus applications, simplifying
the design of an Ethernet node in a PC system. The
PCnet-PCI II controller provides the complete interface
to an Expansion ROM, allowing add-on card designs
with only a single load per PCI bus interface pin. With its
built-in support for both little and big endian byte align-
ment, this controller also addresses proprietary non-PC
applications.
The
PCnet-PCI
II
controller’s
advanced CMOS design allows the bus interface to be
connected to either a 5 V or a 3.3 V signaling environ-
ment. Both NAND Tree and JTAG test interfaces
are provided.
The
PCnet-PCI
II
controller
supports
automatic
configuration in the PCI configuration space. Additional
PCnet-PCI II configuration parameters, including the
unique IEEE physical address, can be read from an ex-
ternal non-volatile memory (Microwire EEPROM) im-
mediately following system reset.
The controller has the capability to automatically select
either the AUI port or the Twisted-Pair transceiver. Only
one interface is active at any one time. Both network in-
terfaces can be programmed to operate in either half-
duplex or full-duplex mode. The individual transmit and
receive FIFOs optimize system overhead, providing suf-
ficient latency during frame transmission and reception,
and minimizing intervention during normal network error
recovery. The integrated Manchester encoder/decoder
(MENDEC) eliminates the need for an external Serial In-
terface Adapter (SIA) in the system. The built-in General
Purpose Serial Interface (GPSI) allows the MENDEC to
be
by-passed.
In
addition,
the
device
provides programmable on-chip LED drivers for trans-
mit, receive, collision, receive polarity, link integrity, ac-
tivity, or jabber status. The PCnet-PCI II controller also
provides an External Address Detection Interface
(EADI) to allow fast external hardware address filtering
in internetworking applications.
For power sensitive applications where low stand-by
current is desired, the device incorporates two Sleep
functions to reduce over-all system power consumption,
excellent for notebooks and Green PCs. In conjunction
with these low power modes, the PCnet-PCI II controller
also has integrated functions to support Magic Packet,
an inexpensive technology that allows remote wake up
of Green PCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com