Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices AM79C970A Datasheet HTML 27Page - Advanced Micro Devices AM79C970A Datasheet HTML 28Page - Advanced Micro Devices AM79C970A Datasheet HTML 29Page - Advanced Micro Devices AM79C970A Datasheet HTML 30Page - Advanced Micro Devices AM79C970A Datasheet HTML 31Page - Advanced Micro Devices AM79C970A Datasheet HTML 32Page - Advanced Micro Devices AM79C970A Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 219 page
background image
P R E L I M I N A R Y
AMD
29
Am79C970A
BASIC FUNCTIONS
System Bus Interface Function
The PCnet-PCI II controller is designed to operate as a
bus master during normal operations. Some slave I/O
accesses to the PCnet-PCI II controller are required in
normal
operations
as
well.
Initialization
of
the
PCnet-PCI II controller is achieved through a combina-
tion of PCI Configuration Space accesses, bus slave ac-
cesses, bus master accesses and an optional read of a
serial EEPROM that is performed by the PCnet-PCI II
controller. The EEPROM read operation is performed
through the Microwire interface. The ISO 8802-3
(IEEE/ANSI 802.3) Ethernet Address may reside within
the serial EEPROM. Some PCnet-PCI II controller con-
figuration registers may also be programmed by the
EEPROM read operation.
The Address PROM, on-chip bus-configuration regis-
ters, and the Ethernet controller registers occupy 32
bytes of address space. Both, I/O and memory mapped
I/O access are supported. Base Address registers in the
PCI configuration space allow locating the address
space on a wide variety of starting addresses.
For diskless stations, the PCnet-PCI II controller sup-
ports an Expansion ROM of up to 64 Kbytes in size. The
host can map the Expansion ROM to any memory ad-
dress that aligns to a 64K boundary by modifying the
Expansion ROM Base Address register in the PCI con-
figuration space.
Software Interface
The software interface to the PCnet-PCI II controller is
divided into three parts. One part is the PCI configura-
tion registers. They are used to identify the PCnet-PCI II
controller, and are also used to setup the configuration
of the device. The setup information includes the I/O or
memory mapped I/O base address, mapping of the
Expansion ROM and the routing of the PCnet-PCI II
controller
interrupt
channel.
This
allows
for
a
jumperless implementation.
The second portion of the software interface is the direct
access to the I/O resources of the PCnet-PCI II control-
ler. The PCnet-PCI II controller occupies 32 bytes of ad-
dress space that must begin on a 32-byte block
boundary. The address space can be mapped into both
I/O or memory space (memory mapped I/O). The I/O
Base Address Register in the PCI Configuration Space
defines the start address of the address space if it is
mapped to I/O space. The Memory Mapped I/O Base
Address Register defines the start address of the ad-
dress space if it is mapped to memory space. The
32-byte address space is used by the software to pro-
gram the PCnet-PCI II controller operating mode, en-
able and disable various features, monitor operating
status, and request particular functions to be executed
by the PCnet-PCI II controller.
The third portion of the software interface is the descrip-
tor and buffer areas that are shared between the soft-
ware and the PCnet-PCI II controller during normal
network operations. The descriptor area boundaries are
set by the software and do not change during normal
network operations. There is one descriptor area for re-
ceive activity and there is a separate area for transmit
activity. The descriptor space contains relocatable
pointers to the network frame data and it is used to trans-
fer frame status from the PCnet-PCI II controller to the
software. The buffer areas are locations that hold frame
data for transmission or that accept frame data that has
been received.
Network Interfaces
The PCnet-PCI II controller can be connected to an
802.3 network via one of three network interfaces. The
Attachment Unit Interface (AUI) provides an ISO 8802-3
(IEEE/ANSI 802.3) compliant differential interface to a
remote
MAU
or
an
on-board
transceiver.
The
10BASE-T interface provides a twisted-pair Ethernet
port. While in auto-selection mode, the interface in use
is determined by an auto-sensing mechanism which
checks the link status on the 10BASE-T port. If there is
no active link status, then the device assumes an AUI
connection. The General Purpose Serial Interface
(GPSI) allows bypassing the Manchester Encoder/De-
coder (MENDEC).
The PCnet-PCI II controller implements half or full-du-
plex Ethernet over all three network interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com