Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 64Page - Advanced Micro Devices AM79C970A Datasheet HTML 65Page - Advanced Micro Devices AM79C970A Datasheet HTML 66Page - Advanced Micro Devices AM79C970A Datasheet HTML 67Page - Advanced Micro Devices AM79C970A Datasheet HTML 68Page - Advanced Micro Devices AM79C970A Datasheet HTML 69Page - Advanced Micro Devices AM79C970A Datasheet HTML 70Page - Advanced Micro Devices AM79C970A Datasheet HTML 71Page - Advanced Micro Devices AM79C970A Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 219 page
background image
AMD
P R E L I M I N A R Y
68
Am79C970A
controller, then the software must not read ahead to the
next descriptor. The software should wait at a descriptor
it does not own until the PCnet-PCI II controller sets
OWN to ZERO to release ownership to the software.
(When LAPPEN (CSR3, bit 5) is set to ONE, this rule is
modified. See the LAPPEN description.)
At initialization, the PCnet-PCI II controller reads the
base address of both the transmit and receive descriptor
rings into CSRs for use by the PCnet-PCI II controller
during subsequent operations.
The following figure illustrates the relationship between
the initialization base address, the initialization block,
the receive and transmit descriptor ring base ad-
dresses, the receive and transmit descriptors and the
receive and transmit data buffers, when SSIZE32 is
cleared to ZERO.
Note that the value of CSR2, bits 15–8 is used as the
upper 8-bits for all memory addresses during bus
master transfers.
19436A-35
Initialization
Block
IADR[15:0]
IADR[31:16]
CSR1
CSR2
TDRA[15:0]
MOD
PADR[15:0]
PADR[31:16]
PADR[47:32]
LADRF[15:0]
LADRF[31:16]
LADRF[47:32]
LADRF[63:48]
RDRA[15:0]
RLE
RES
RDRA[23:16]
TLE
RES
TDRA[23:16]
Rcv
Buffers
RMD0
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st desc.
start
2nd
desc.
RMD0
Xmt
Buffers
TMD
TMD
TMD
TMD
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st desc.
start
2nd
desc.
TMD
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
1
Data
Buffer
2
Figure 32. 16-Bit Software Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com