Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 39Page - Advanced Micro Devices AM79C970A Datasheet HTML 40Page - Advanced Micro Devices AM79C970A Datasheet HTML 41Page - Advanced Micro Devices AM79C970A Datasheet HTML 42Page - Advanced Micro Devices AM79C970A Datasheet HTML 43Page - Advanced Micro Devices AM79C970A Datasheet HTML 44Page - Advanced Micro Devices AM79C970A Datasheet HTML 45Page - Advanced Micro Devices AM79C970A Datasheet HTML 46Page - Advanced Micro Devices AM79C970A Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 219 page
background image
P R E L I M I N A R Y
AMD
43
Am79C970A
19436A-15
FRAME
CLK
AD
IRDY
C/
BE
REQ
GNT
1
2345
CMD
ADDR
Figure 12. Bus Acquisition
Bus Master DMA Transfers
There are four primary types of DMA transfers. The
PCnet-PCI II controller uses non-burst as well as burst
cycles for read and write access to the main memory.
Basic Non-Burst Read Transfer
By default, the PCnet-PCI II controller uses non-burst
cycles
in
all
bus
master
read
operations.
All
PCnet-PCI II controller non-burst read accesses are of
the PCI command type Memory Read (type 6). Note that
during a non-burst read operation, all byte lanes will al-
ways be active. The PCnet-PCI II controller will inter-
nally discard unneeded bytes.
The PCnet-PCI II controller typically performs more
than one non-burst read transactions within a single bus
mastership period.
FRAME is dropped between con-
secutive non-burst read cycles.
REQ however stays
asserted until
FRAME is asserted for the last
transaction. The PCnet-PCI II controller supports zero
wait state read cycles. It asserts
IRDY immediately after
the address phase and at the same time starts
sampling
DEVSEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com