Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 67Page - Advanced Micro Devices AM79C970A Datasheet HTML 68Page - Advanced Micro Devices AM79C970A Datasheet HTML 69Page - Advanced Micro Devices AM79C970A Datasheet HTML 70Page - Advanced Micro Devices AM79C970A Datasheet HTML 71Page - Advanced Micro Devices AM79C970A Datasheet HTML 72Page - Advanced Micro Devices AM79C970A Datasheet HTML 73Page - Advanced Micro Devices AM79C970A Datasheet HTML 74Page - Advanced Micro Devices AM79C970A Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 219 page
background image
P R E L I M I N A R Y
AMD
71
Am79C970A
the PCnet-PCI II controller returns ownership for the last
buffer of the first frame.
If an error occurs in the transmission before all of the
bytes of the current buffer have been transferred, trans-
mit status of the current buffer will be immediately up-
dated. If the buffer does not contain the end of packet,
the PCnet-PCI II controller will skip over the rest of the
frame which experienced the error. This is done by re-
turning to the polling microcode where the PCnet-PCI II
controller will clear the OWN bit for all descriptors with
OWN = 1 and STP = 0 and continue in like manner until a
descriptor with OWN = 0 (no more transmit frames in the
ring) or OWN = 1 and STP = 1 (the first buffer of a new
frame) is reached.
At the end of any transmit operation, whether successful
or with errors, immediately following the completion of
the descriptor updates, the PCnet-PCI II controller will
always perform another polling operation. As described
earlier, this polling operation will begin with a check of
the current RDTE, unless the PCnet-PCI II controller al-
ready owns that descriptor. Then the PCnet-PCI II con-
troller will poll the next TDTE. If the transmit descriptor
OWN bit has a ZERO value, the PCnet-PCI II controller
will resume incrementing the poll time counter. If the
transmit descriptor OWN bit has a value of ONE, the
PCnet-PCI II controller will begin filling the FIFO with
transmit data and initiate a transmission. This end-of-
operation poll coupled with the TDTE lookahead opera-
tion allows the PCnet-PCI II controller to avoid inserting
poll time counts between successive transmit frames.
By default, whenever the PCnet-PCI II controller com-
pletes a transmit frame (either with or without error) and
writes the status information to the current descriptor,
then the TINT bit of CSR0 is set to indicate the comple-
tion of a transmission. This causes an interrupt signal if
the IENA bit of CSR0 has been set and the TINTM bit of
CSR3 is cleared. The PCnet-PCI II controller provides
two modes to reduce the number of transmit interrupts.
The interrupt of a successfully transmitted frame can be
suppressed by setting TINTOKD (CSR5, bit 15) to ONE.
Another mode, which is enabled by setting LTINTEN
(CSR5, bit 14) to ONE, allows suppression of interrupts
for successful transmissions for all but the last frame in
a sequence.
Receive Descriptor Table Entry
If the PCnet-PCI II controller does not own both the cur-
rent and the next Receive Descriptor Table Entry
(RDTE) then the PCnet-PCI II controller will continue to
poll according to the polling sequence described above.
If the receive descriptor ring length is one, then there is
no next descriptor to be polled.
If a poll operation has revealed that the current and the
next RDTE belong to the PCnet-PCI II controller then
additional poll accesses are not necessary. Future poll
operations will not include RDTE accesses as long as
the PCnet-PCI II controller retains ownership of the cur-
rent and the next RDTE.
When receive activity is present on the channel, the
PCnet-PCI II controller waits for the complete address
of the message to arrive. It then decides whether to ac-
cept or reject the frame based on all active addressing
schemes. If the frame is accepted the PCnet-PCI II con-
troller checks the current receive buffer status register
CRST (CSR41) to determine the ownership of the
current buffer.
If ownership is lacking, the PCnet-PCI II controller will
immediately perform a final poll of the current RDTE. If
ownership is still denied, the PCnet-PCI II controller has
no buffer in which to store the incoming message. The
MISS bit will be set in CSR0 and the Missed Frame
Counter (CSR112) will be incremented. An interrupt will
be generated if IENA (CSR0, bit 6) is set to ONE and
MISSM (CSR3, bit 12) is cleared to ZERO. Another
poll of the current RDTE will not occur until the frame
has finished.
If the PCnet-PCI II controller sees that the last poll
(either a normal poll, or the final effort described in the
above paragraph) of the current RDTE shows valid own-
ership, it proceeds to a poll of the next RDTE. Following
this poll, and regardless of the outcome of this poll,
transfers of receive data from the FIFO may begin.
Regardless of ownership of the second receive
descriptor, the PCnet-PCI II controller will continue to
perform receive data DMA transfers to the first buffer. If
the frame length exceeds the length of the first buffer,
and the PCnet-PCI II controller does not own the second
buffer, ownership of the current descriptor will be
passed back to the system by writing a ZERO to
the OWN bit of RMD1 and status will be written
indicating buffer (BUFF = 1) and possibly overflow
(OFLO = 1) errors.
If the frame length exceeds the length of the first (cur-
rent) buffer, and the PCnet-PCI II controller does own
the second (next) buffer, ownership will be passed back
to the system by writing a ZERO to the OWN bit of
RMD1 when the first buffer is full. The OWN bit is the
only bit modified in the descriptor. Receive data
transfers to the second buffer may occur before the
PCnet-PCI II controller proceeds to look ahead to the
ownership of the third buffer. Such action will depend
upon the state of the FIFO when the OWN bit has been
updated in the first descriptor. In any case, lookahead
will be performed to the third buffer and the information
gathered will be stored in the chip, regardless of the
state of the ownership bit.
This activity continues until the PCnet-PCI II controller
recognizes the completion of the frame (the last byte of
this receive message has been removed from the
FIFO). The PCnet-PCI II controller will subsequently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com