Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 80Page - Advanced Micro Devices AM79C970A Datasheet HTML 81Page - Advanced Micro Devices AM79C970A Datasheet HTML 82Page - Advanced Micro Devices AM79C970A Datasheet HTML 83Page - Advanced Micro Devices AM79C970A Datasheet HTML 84Page - Advanced Micro Devices AM79C970A Datasheet HTML 85Page - Advanced Micro Devices AM79C970A Datasheet HTML 86Page - Advanced Micro Devices AM79C970A Datasheet HTML 87Page - Advanced Micro Devices AM79C970A Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 219 page
background image
AMD
P R E L I M I N A R Y
84
Am79C970A
interrupts the receive oscillator. The oscillator is then re-
started at the second Manchester ZERO (bit time 4) and
is phase locked to it. As a result, the MENDEC acquires
the clock from the incoming Manchester bit pattern in 4
bit times with a 1010b Manchester bit pattern.
IRXCLK and IRXDAT are enabled 1/4 bit time after clock
acquisition in bit cell 5. IRXDAT is at a HIGH state when
the receiver is idle (no IRXCLK). IRXDAT however, is
undefined when clock is acquired and may remain HIGH
or change to LOW state whenever IRXCLK is enabled.
At 1/4 bit time into bit cell 5, the controller portion of the
PCnet-PCI II controller sees the first IRXCLK transition.
This also strobes in the incoming fifth bit to the MENDEC
as Manchester ONE. IRXDAT may make a transition af-
ter the IRXCLK rising edge in bit cell 5, but its state is still
undefined. The Manchester ONE at bit 5 is clocked to
IRXDAT output at 1/4 bit time in bit cell 6.
PLL Tracking
After clock acquisition, the phase-locked clock is com-
pared to the incoming transition at the bit cell center
(BCC) and the resulting phase error is applied to a cor-
rection circuit. This circuit ensures that the phase-
locked clock remains locked on the received signal.
Individual bit cell phase corrections of the Voltage Con-
trolled Oscillator (VCO) are limited to 10% of the phase
difference between BCC and phase-locked clock.
Hence, input data jitter is reduced in IRXCLK by 10 to 1.
Carrier Tracking and End of Message
The carrier detection circuit monitors the DI
± inputs after
IRXEN is asserted for an end of message. IRXEN deas-
serts 1 to 2 bit times after the last positive transition on
the incoming message. This initiates the end of recep-
tion cycle. The time delay from the last rising edge of the
message to IRXEN deassert allows the last bit to be
strobed by IRXCLK and transferred to the controller sec-
tion, but prevents any extra bit(s) at the end of message.
Data Decoding
The data receiver is a comparator with clocked output to
minimize noise sensitivity to the DI
± inputs. Input error is
less than
± 35 mV to minimize sensitivity to input rise
and fall time. IRXCLK strobes the data receiver output at
1/4 bit time to determine the value of the Manchester bit,
and clocks the data out on IRXDAT on the following
IRXCLK. The data receiver also generates the signal
used for phase detector comparison to the internal
MENDEC voltage controlled oscillator (VCO).
Jitter Tolerance Definition
The MENDEC utilizes a clock capture circuit to align its
internal data strobe with an incoming bit stream. The
clock acquisition circuitry requires four valid bits with the
values 1010b. The clock is phase-locked to the negative
transition at the bit cell center of the second ZERO in
the pattern.
Since data is strobed at 1/4 bit time, Manchester transi-
tions which shift from their nominal placement through
1/4 bit time will result in improperly decoded data. With
this as the criterion for an error, a definition of Jitter
Handling is:
The peak deviation approaching or crossing 1/4 bit cell
position from nominal input transition, for which the
MENDEC section will properly decode data.
Attachment Unit Interface
The Attachment Unit Interface (AUI) is the PLS (Physi-
cal Layer Signaling) to PMA (Physical Medium Attach-
ment) interface which effectively connects the DTE to a
MAU. The differential interface provided by the
PCnet-PCI II controller is fully compliant to Section 7 of
ISO 8802-3 (ANSI/IEEE 802.3).
After the PCnet-PCI II controller initiates a transmission
it will expect to see data “looped-back” on the DI
± pair
(when the AUI port is selected). This will internally gen-
erate a “carrier sense”, indicating that the integrity of the
data path to and from the MAU is intact, and that the
MAU is operating correctly. This “carrier sense” signal
must be asserted before end of transmission. If ”carrier
sense” does not become active in response to the data
transmission, or becomes inactive before the end of
transmission, the loss of carrier (LCAR) error bit will be
set in the transmit descriptor ring (TMD2, bit 27) after the
frame has been transmitted.
Differential Input Termination
The differential input for the Manchester data (DI
±) is
externally terminated by two 40.2
Ω resistors and one
optional common-mode bypass capacitor, as shown in
the diagram below. The differential input impedance,
ZIDF, and the common-mode input impedance, ZICM,
are specified so that the Ethernet specification for cable
termination impedance is met using standard 1% resis-
tor terminators. If SIP devices are used, 39 ohms is also
a suitable value. The CI
± differential inputs are termi-
nated in exactly the same way as the DI
± pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com