Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C970A Datasheet HTML 1Page - Advanced Micro Devices AM79C970A Datasheet HTML 2Page - Advanced Micro Devices AM79C970A Datasheet HTML 3Page - Advanced Micro Devices AM79C970A Datasheet HTML 4Page - Advanced Micro Devices AM79C970A Datasheet HTML 5Page - Advanced Micro Devices AM79C970A Datasheet HTML 6Page - Advanced Micro Devices AM79C970A Datasheet HTML 7Page - Advanced Micro Devices AM79C970A Datasheet HTML 8Page - Advanced Micro Devices AM79C970A Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 219 page
background image
Publication# 19436
Rev. A
Amendment /+1
Issue Date: April 1995
This document contains information on a product under development at Advanced Micro Devices, Inc. The information is intended
to help you to evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice.
Advanced
Micro
Devices
Am79C970A
PCnet
TM-PCI II Single-Chip Full-Duplex Ethernet Controller
for PCI Local Bus Product
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
Single-chip Ethernet controller for the Periph-
eral Component Interconnect (PCI) local bus
Supports ISO 8802-3 (IEEE/ANSI 802.3) and
Ethernet standards
Direct interface to the PCI local bus (Revision
2.0 compliant)
High-performance 32-bit Bus Master architec-
ture with integrated DMA buffer Management
Unit for low CPU and bus utilization
Software compatible with AMD PCnet Family,
LANCE/C-LANCE, and Am79C900 ILACC regis-
ter and descriptor architecture
Compatible with PCnet Family driver software
Full-duplex operation for increased network
bandwidth
Big endian and little endian byte alignments
supported
3.3 V/5 V signaling for PCI bus interface
Low-power CMOS design with two sleep
modes allows reduced power consumption for
critical battery powered applications and Green
PCs
Integrated Magic PacketTMsupport for remote
wake up of Green PCs
Individual 272-byte transmit and 256-byte re-
ceive FIFOs provide frame buffering for in-
creased system latency and support the
following features:
— Automatic retransmission with no FIFO reload
— Automatic receive stripping and transmit pad-
ding (individually programmable)
— Automatic runt frame rejection
— Automatic selection of received collision frames
Microwire EEPROM interface supports
jumperless design and provides through-chip
programming
Supports optional Boot PROM for diskless
node applications
Look-Ahead Packet Processing (LAPP) data
handling technique reduces system overhead
by allowing protocol analysis to begin before
end of receive frame
Integrated Manchester Encoder/Decoder
Provides Integrated Attachment Unit Interface
(AUI) and 10BASE-T transceiver with automatic
port selection
Automatic Twisted-Pair receive polarity detec-
tion and automatic correction of the receive
polarity
Optional byte padding to long-word boundary
on receive
Dynamic transmit FCS generation programma-
ble on a frame-by-frame basis
Internal/external loopback capabilities
Supports the following types of network inter-
faces:
— AUI to external 10BASE2, 10BASE5,
10BASE-T or 10BASE-F MAU
— Internal 10BASE-T transceiver with Smart
Squelch to Twisted-Pair medium
JTAG Boundary Scan (IEEE 1149.1) test access
port interface and NAND Tree test mode for
board-level production connectivity test
Supports LANCE General Purpose Serial Inter-
face (GPSI)
Supports External Address Detection Interface
(EADI)
4 programmable LEDs for status indication
132-pin PQFP package
GENERAL DESCRIPTION
The 32-bit PCnet-PCI II single-chip full-duplex Ethernet
controller is a highly integrated Ethernet system solution
designed to address high-performance system applica-
tion requirements. It is a flexible bus-mastering device
that can be used in any application, including network-
ready PCs, printers, fax modems, and bridge/router de-
signs. The bus-master architecture provides high data
throughput in the system and low CPU and system bus
utilization. The PCnet-PCI II controller is fabricated with
AMD’s
advanced
low-power
CMOS
process
to
provide low operating and standby current for power
sensitive applications.


Similar Part No. - AM79C970A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C970A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com