Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 19Page - Advanced Micro Devices AM79C970A Datasheet HTML 20Page - Advanced Micro Devices AM79C970A Datasheet HTML 21Page - Advanced Micro Devices AM79C970A Datasheet HTML 22Page - Advanced Micro Devices AM79C970A Datasheet HTML 23Page - Advanced Micro Devices AM79C970A Datasheet HTML 24Page - Advanced Micro Devices AM79C970A Datasheet HTML 25Page - Advanced Micro Devices AM79C970A Datasheet HTML 26Page - Advanced Micro Devices AM79C970A Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 219 page
background image
P R E L I M I N A R Y
AMD
23
Am79C970A
INTA
Interrupt Request
Input/Output
An attention signal which indicates that one or more of
the following status flags is set: BABL, EXDINT, IDON,
JAB, MERR, MISS, MFCO, MPINT, RCVCCO, RINT,
SINT, SLPINT, TINT, TXSTRT and UINT. Each status
flag has either a mask or an enable bit which allows for
suppression of
INTA assertion. The flags have the
following meaning:
Table 1. Interrupt Flags
BABL
Babble
EXDINT
Excessive Deferral
IDON
Initialization Done
JAB
Jabber
MERR
Memory Error
MISS
Missed Frame
MFCO
Missed Frame Count Overflow
MPINT
Magic Packet Interrupt
RCVCCO
Receive Collision Count Overflow
RINT
Receive Interrupt
SLPINT
Sleep Interrupt
SINT
System Error
TINT
Transmit Interrupt
TXSTRT
Transmit Start
UINT
User Interrupt
By default
INTA is an open-drain output. For applica-
tions that need a high-active edge sensitive interrupt
signal, the
INTA pin can be configured for this mode by
setting INTLEVEL (BCR2, bit 7) to ONE.
When
RST is active, INTA is an input for NAND
tree testing.
IRDY
Initiator Ready
Input/Output
IRDY indicates the ability of the initiator of the transac-
tion to complete the current data phase.
IRDY is used in
conjunction with
TRDY. Wait states are inserted until
both
IRDY and TRDY are asserted simultaneously. A
data phase is completed on any clock when both
IRDY
and
TRDY are asserted.
When the PCnet-PCI II controller is a bus master, it as-
serts
IRDY during all write data phases to indicated that
valid data is present on AD[31:0]. During all read data
phases the device asserts
IRDY to indicate that it is
ready to accept the data.
When the PCnet-PCI II controller is the target of a trans-
action, it checks
IRDY during all write data phases to de-
termine if valid data is present on AD[31:0]. During all
read data phases the device checks
IRDY to determine
if the initiator is ready to accept the data.
When
RST is active, IRDY is an input for NAND
tree testing.
LOCK
Lock
Input
In slave mode,
LOCK is an input to the PCnet-PCI II con-
troller. A bus master can lock the device to guarantee an
atomic operation that requires multiple transactions.
The PCnet-PCI II controller will never assert
LOCK as
a master.
When
RST is active, LOCK is an input for NAND
tree testing.
PAR
Parity
Input/Output
Parity is even parity across AD[31:0] and C/
BE[3:0].
When the PCnet-PCI II controller is a bus master, it gen-
erates parity during the address and write data phases.
It checks parity during read data phases. When the
PCnet-PCI II controller operates in slave mode, it
checks parity during every address phase. When it is the
target of a cycle, it checks parity during write data
phases and it generates parity during read data phases.
When
RST is active, PAR is an input for NAND
tree testing.
PERR
Parity Error
Input/Output
During any slave write transaction and any master read
transaction, the PCnet-PCI II controller asserts
PERR
when it detects a data parity error and reporting of the
error is enabled by setting PERREN (PCI Command
register, bit 6) to ONE. During any master write transac-
tion the PCnet-PCI II controller monitors
PERR to see if
the target reports a data parity error.
When
RST is active, PERR is an input for NAND
tree testing.
REQ
Bus Request
Input/Output
The PCnet-PCI II controller asserts
REQ pin as a signal
that it wishes to become a bus master.
REQ is driven
high when the PCnet-PCI II controller does not
request the bus.
When
RST is active, REQ is an input for NAND
tree testing.
RST
Reset
Input
When
RST is asserted low, then the PCnet-PCI II con-
troller performs an internal system reset of the type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com