Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 28Page - Advanced Micro Devices AM79C970A Datasheet HTML 29Page - Advanced Micro Devices AM79C970A Datasheet HTML 30Page - Advanced Micro Devices AM79C970A Datasheet HTML 31Page - Advanced Micro Devices AM79C970A Datasheet HTML 32Page - Advanced Micro Devices AM79C970A Datasheet HTML 33Page - Advanced Micro Devices AM79C970A Datasheet HTML 34Page - Advanced Micro Devices AM79C970A Datasheet HTML 35Page - Advanced Micro Devices AM79C970A Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 219 page
background image
AMD
P R E L I M I N A R Y
32
Am79C970A
19436A-5
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
STOP
IDSEL
1
23456
1011
PAR
PAR
PAR
BE
DATA
ADDR
7
Figure 2. Slave Configuration Write
Slave I/O Transfers
After the PCnet-PCI II controller is configured as an I/O
device by setting IOEN (for regular I/O mode) or
MEMEN (for memory mapped I/O mode) in the PCI
Command register, it starts monitoring the PCI bus for
access to its CSR, BCR or EEPROM locations. If config-
ured for regular I/O mode, the PCnet-PCI II controller
will look for an address that falls within its 32 bytes of I/O
address space (starting from the I/O base address). The
PCnet-PCI II controller asserts
DEVSEL if it detects an
address match and the access is an I/O cycle. If config-
ured for memory mapped I/O mode, the PCnet-PCI II
controller will look for an address that falls within its 32
bytes of memory address space (starting from the mem-
ory mapped I/O base address). The PCnet-PCI II con-
troller asserts
DEVSEL if it detects an address match
and the access is a memory cycle.
DEVSEL is asserted
two clock cycles after the host has asserted
FRAME.
The PCnet-PCI II controller will not assert
DEVSEL if it
detects an address match, but the PCI command is not
of the correct type. In memory mapped I/O mode, the
PCnet-PCI II controller aliases all accesses to the I/O re-
sources of the command types “Memory Read Multiple”
and “Memory Read Line” to the basic Memory Read
command. All accesses of the type “Memory Write and
Invalidate” are aliased to the basic Memory Write com-
mand. 8-bit, 16-bit and 32-bit non-burst transactions are
supported. The PCnet-PCI II controller decodes only the
upper 30 address lines to determine which I/O resource
is accessed.
The typical number of wait states added to a slave I/O or
memory mapped I/O read or write access on the part of
the PCnet-PCI II controller is 6 to 7 clock cycles,
depending upon the relative phases of the internal
Buffer Management Unit clock and the CLK signal,
since the internal Buffer Management Unit clock is a
divide-by-two version of the CLK signal.
The PCnet-PCI II controller does not support burst
transfers for access to its I/O resources. When the host
keeps
FRAME asserted for a second data phase,
the PCnet-PCI II controller will disconnect the transfer.
The PCnet-PCI II controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com