Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 181 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 181 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 177Page - Advanced Micro Devices AM79C970A Datasheet HTML 178Page - Advanced Micro Devices AM79C970A Datasheet HTML 179Page - Advanced Micro Devices AM79C970A Datasheet HTML 180Page - Advanced Micro Devices AM79C970A Datasheet HTML 181Page - Advanced Micro Devices AM79C970A Datasheet HTML 182Page - Advanced Micro Devices AM79C970A Datasheet HTML 183Page - Advanced Micro Devices AM79C970A Datasheet HTML 184Page - Advanced Micro Devices AM79C970A Datasheet HTML 185Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 219 page
background image
P R E L I M I N A R Y
AMD
181
Am79C970A
SWITCHING CHARACTERISTICS: GPSI
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Transmit Timing
tGPT1
TXCLK Period (802.3 Compliant)
@ 1.5 V
99.99
100.01
ns
tGPT2
TXCLK HIGH Time
@ 2.0 V
40
60
ns
tGPT3
TXDAT and TXEN Delay from
@ 1.5 V
0
70
ns
↑ TXCLK
tGPT4
RXEN Setup Before
@ 1.5 V
210
ns
↑ TXCLK (Last Bit)
tGPT5
RXEN Hold After
↓ TXEN
@ 1.5 V
0
ns
tGPT6
CLSN Active Time to Trigger Collision
@ 1.5 V (Note 1)
110
ns
tGPT7
CLSN Active to
↓ RXEN to
@ 1.5 V
0
ns
Prevent LCAR Assertion
tGPT8
CLSN Active to
↓ RXEN for
@ 1.5 V
0
4.0
µs
SQE Heartbeat window
tGPT9
CLSN Active to
↑ RXEN for
@ 1.5 V
15
ns
Normal Collision
Receive Timing
tGPR1
RXCLK Period
@ 1.5 V (Note 2)
80
120
ns
tGPR2
RXCLK HIGH Time
@ 2.0 V (Note 2)
30
80
ns
tGPR3
RXCLK LOW Time
@ 0.8 V (Note 2)
30
80
ns
tGPR4
RXDAT and RXEN Setup to
↑ RXCLK
@ 1.5 V
15
ns
tGPR5
RXDAT Hold after
↑ RXCLK
@ 1.5 V
15
ns
tGPR6
RXEN Hold after
↓ RXCLK
@ 1.5 V
0
ns
tGPR7
CLSN Active to First
↑ RXCLK
@ 1.5 V
0
ns
(Collision Recognition)
tGPR8
CLSN Active to
↓ RXCLK
@ 1.5 V (Note 3)
51.2
µs
for Address Type Designation Bit
tGPR9
CLSN Setup to Last
↑ RXCLK for
@ 1.5 V
210
ns
Collision Recognition
tGPR10
CLSN Active
@ 1.5 V
110
ns
tGPR11
CLSN Inactive Setup to First
↑ RXCLK
@ 1.5 V
300
ns
tGPR12
CLSN Inactive Hold to Last
↑ RXCLK
@ 1.5 V
300
ns
Notes:
1. CLSN must be asserted for a continuous period of 110 ns or more. Assertion for less than 110 ns period may or may not
result in CLSN recognition.
2. RXCLK should meet jitter requirements of IEEE 802.3 specification.
3. CLSN assertion before 51.2
µs will be indicated as a normal collision. CLSN assertion after 51.2 µs will be considered as a
Late Receive Collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com