Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 78 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 74Page - Intel Corporation 82374EB Datasheet HTML 75Page - Intel Corporation 82374EB Datasheet HTML 76Page - Intel Corporation 82374EB Datasheet HTML 77Page - Intel Corporation 82374EB Datasheet HTML 78Page - Intel Corporation 82374EB Datasheet HTML 79Page - Intel Corporation 82374EB Datasheet HTML 80Page - Intel Corporation 82374EB Datasheet HTML 81Page - Intel Corporation 82374EB Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 208 page
background image
82374EB82374SB
334 TMSTATTIMER STATUS BYTE FORMAT REGISTER
Register Location
040hTimer 1 Counter 0
041hTimer 1 Counter 1
042hTimer 1 Counter 2
048hTimer 2 Counter 0
04AhTimer 2 Counter 2
Default Value
0xxxxxxxb
Attribute
Read Only
Size
8 Bits per counter
Each Counter’s Status Byte may be read following an Timer Read-Back Command The Read-Back command
is programmed through the counter control register If ‘‘Latch Status’’ is chosen as a Read-Back option for a
given counter the next read from the counter’s IO port address returns the Status byte
The Status byte returns the countdown type either BCD or binary the Counter Operational Mode the Read
Write Selection status the Null count also referred to as the Count Register Status and the current State of
the counter OUT pin
Bit
Description
7
Counter OUT Pin State
When this bit is a 1 the OUT pin of the counter is also a 1 When this bit is a
0 the OUT pin of the counter is also a 0
6
Count Register Status
Also referred to as Null Count indicates when the last count written to the
Count Register (CR) has been loaded into the counting element (CE) The exact time this happens
depends on the counter Mode and is described in the Mode definitions but until the count is loaded
into the counting element (CE) it can’t be read from the counter If the count is latched or read before
the load time the count value returned will not reflect the new count written to the register When bit 6
is a 0 the count has been transferred from CR to CE and is available for reading When bit 6 is a 1 the
Null count condition exists The count has not been transferred from CR to CE and is not yet available
for reading
54
ReadWrite Status
Bits 54 reflect the readwrite selection made through bits 54 of the control
register The binary codes returned during the status read match the codes used to program the
counter readwrite selection
31
Mode Selection Status
Bits 31 return the counter mode programming The binary code returned
matches the code used to program the counter mode as listed under the bit function above
0
Countdown Type Status
Bit 0 reflects the current countdown type either 0 for binary countdown or a
1 for binary coded decimal (BCD) countdown
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com