Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 41 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation 82374EB Datasheet HTML 39Page - Intel Corporation 82374EB Datasheet HTML 40Page - Intel Corporation 82374EB Datasheet HTML 41Page - Intel Corporation 82374EB Datasheet HTML 42Page - Intel Corporation 82374EB Datasheet HTML 43Page - Intel Corporation 82374EB Datasheet HTML 44Page - Intel Corporation 82374EB Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 208 page
background image
82374EB82374SB
317 PCSAPERIPHERAL CHIP SELECT A REGISTER
Address Offset
4Eh
Default Value
x0000111b
Attribute
ReadWrite
Size
8 Bits
This register is used to enable or disable accesses to the RTC keyboard controller Floppy Disk controller and
IDE Disabling any of these bits will prevent the chip select and X-Bus transceiver control signal (XBUSOE )
for that device from being generated This register is also used to select which address range (primary or
secondary) will be decoded for the resident floppy controller and IDE It also allows control of where the
keyboard controller is physically located (X-Bus or elsewhere)This insures that there is no contention with the
X-Bus transceiver driving the system data bus during read accesses to these devices
Bit
Description
7
Reserved
6
Keyboard Controller Mapping
0ekeyboard controller mapped to the X-Bus (default)
1ekeyboard controller not mapped to the X-Bus
When bit 6e0 the keyboard controller encoded chip select signal and the X-Bus transceiver enable
(XBUSOE ) are generated for accesses to address locations 60h (82374EBSB) 62h (82374EB
only) 64h (82374EBSB) and 66h (82374EB only) When bit 6e1 the keyboard controller chip
select signals are generated for accesses to these address locations However XBUSOE
is
disabled Bit 1 must be 1 for either value of this configuration bit to decode an access to locations
60h 62h 64h or 66h
532
Floppy Disk and IDE Floppy Disk Decodes
Bits 2 and 3 are used to enable or disable the floppy
locations as indicated Bit 2 defaults to enabled (1) and bit 3 defaults to disabled (0) when a reset
occurs Bit 5 is used to select between the primary and secondary address range used by the Floppy
Controller and the IDE Only primary or only secondary can be programmed at any one time This bit
defaults to primary (0) The following table shows how these bits are used to select the floppy
controller
Address
Bit 2
Bit 3
Bit 5
DSKCHG
FDCCS
X
XXX0
1
3F0h3F1h
X
1
0
1
0
3F2h – 3F7h
1
X
0
1
0 (Note)
370h371h
X
1
1
1
0
372h – 37Fh
1
X
1
1
0 (Note)
NOTE
If IDE decode is enabled all accesses to locations 03F6h and 03F7h (primary) or 0376h and
0377h (secondary) will result in decode for IDECS1
(FDCCS
will not be generated) An
external AND gate can be used to tie IDECS1
and FDCCS
together to insure that the
floppy is enabled for these accesses
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com