Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 9Page - Intel Corporation 82374EB Datasheet HTML 10Page - Intel Corporation 82374EB Datasheet HTML 11Page - Intel Corporation 82374EB Datasheet HTML 12Page - Intel Corporation 82374EB Datasheet HTML 13Page - Intel Corporation 82374EB Datasheet HTML 14Page - Intel Corporation 82374EB Datasheet HTML 15Page - Intel Corporation 82374EB Datasheet HTML 16Page - Intel Corporation 82374EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 208 page
background image
82374EB82374SB
PCI Bus
The PCI Bus has been defined to address the growing industry needs for a standardized
local bus that is not
directly dependent on the speed and the size of the processor bus New generations of personal computer
system software such as WindowsTM and Win-NTTM with sophisticated graphical interfaces multi-tasking and
multi-threading bring new requirements that traditional PC IO architectures can not satisfy In addition to the
higher bandwidth reliability and robustness of the IO subsystem is becoming increasingly important The PCI
environment addresses these needs and provides an upgrade path for the future PCI features include
 Processor independent
 Multiplexed burst mode operation
 Synchronous at frequencies from 20–33 MHz
 120 MBytesec usable throughput (132 MBytesec peak) for 32 bit data path
 240 MBytesec usable throughput (264 MBytesec peak) for 64 bit data path
 Optional 64 bit data path with operations that are transparent with the 32 bit data path
 Low latency random access (60 ns write access latency to slave registers from a master parked on the bus)
 Capable of full concurrency with processormemory subsystem
 Full multi-master capability allowing any PCI master peer-to-peer access to any PCI slave
 Hidden (overlapped) central arbitration
 Low pin count for cost effective component packaging (addressdata multiplexed)
 Address and data parity
 Three physical address spaces memory IO and configuration
 Comprehensive support for autoconfiguration through a defined set of standard configuration functions
System partitioning shown in Figure 1 illustrates how the PCI can be used as a common interface between
different portions of a system platform that are typically supplied by the chip set vendor These portions are the
HostPCI Bridge (including a main memory DRAM controller and an optional second level cache controller)
and the PCI-EISA Bridge Thus the PCI allows a system IO core design to be decoupled from the processor
memory treadmill enabling the IO core to provide maximum benefit over multiple generations of processor
memory technology For this reason the PCI-EISA Bridge can be used with different processors Regardless
of the new requirements imposed on the processor side of the HostPCI Bridge (eg 64-bit data path 33V
interface etc) the PCI side remains unchanged which allows reusability not only of the rest of the platform
chip set (ie PCI-EISA Bridge) but also of all other IO functions interfaced at the PCI level These functions
typically include graphics SCSI and LAN
EISA Bus
The EISA bus in the system shown in the Figure 10 represents a second level IO bus It allows personal
computer platforms built around the PCI as a primary IO bus to leverage the large EISAISA product base
Combinations of PCI and EISA buses both of which can be used to provide expansion functions will satisfy
even the most demanding applications
Along with compatibility with 16-bit and 8-bit ISA hardware and software the EISA bus provides the following
key features
 32-bit addressing and 32-bit data path
 33 MBytesec bus bandwidth
 Multiple bus master support through efficient arbitration
 Support for autoconfiguration
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com