Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 5 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 5 Page - Intel Corporation

  82374EB Datasheet HTML 1Page - Intel Corporation 82374EB Datasheet HTML 2Page - Intel Corporation 82374EB Datasheet HTML 3Page - Intel Corporation 82374EB Datasheet HTML 4Page - Intel Corporation 82374EB Datasheet HTML 5Page - Intel Corporation 82374EB Datasheet HTML 6Page - Intel Corporation 82374EB Datasheet HTML 7Page - Intel Corporation 82374EB Datasheet HTML 8Page - Intel Corporation 82374EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 208 page
background image
CONTENTS
PAGE
316 CLKDIVEISA CLOCK DIVISOR REGISTER
40
317 PCSAPERIPHERAL CHIP SELECT A REGISTER
41
318 PCSBPERIPHERAL CHIP SELECT B REGISTER
42
319 EISAID 41
EISA ID REGISTERS
43
3110 SGRBASCATTERGATHER RELOCATE BASE ADDRESS REGISTER
43
3111 APICBASEAPIC BASE ADDRESS RELOCATION
44
3112 PIRQ 03
PIRQ ROUTE CONTROL REGISTERS
44
3113 GPCSLA 20
GENERAL PURPOSE CHIP SELECT LOW ADDRESS
REGISTER
45
3114 GPCSHA 20
GENERAL PURPOSE CHIP SELECT HIGH ADDRESS
REGISTER
45
3115 GPCSM 20
GENERAL PURPOSE CHIP SELECT MASK REGISTER
46
3116 GPXBCGENERAL PURPOSE PERIPHERAL X-BUS CONTROL REGISTER
46
3117 PACPCIAPIC CONTROL REGISTER
47
3118 TESTCTEST CONTROL REGISTER
47
3119 SMICNTLSMI CONTROL REGISTER
47
3120 SMIENSMI ENABLE REGISTER
48
3121 SEESYSTEM EVENT ENABLE REGISTER
49
3122 FTMRFAST OFF TIMER REGISTER
50
3123 SMIREQSMI REQUEST REGISTER
50
3124 CTLTMRCLOCK SCALE STPCLK
LOW TIMER
52
3125 CTLTMRHCLOCK SCALE STPCLK
HIGH TIMER
52
32 DMA Register Description
52
321 DCOMCOMMAND REGISTER
52
322 DCMDMA CHANNEL MODE REGISTER
54
323 DCEMDMA CHANNEL EXTENDED MODE REGISTER
55
324 DRDMA REQUEST REGISTER
58
325 MASK REGISTERWRITE SINGLE MASK BIT
58
326 WAMBWRITE ALL MASK BITS REGISTER
59
327 DSDMA STATUS REGISTER
60
328 DBCADMA BASE AND CURRENT ADDRESS REGISTER (8237
COMPATIBLE SEGMENT)
61
329 DBCBWDMA BASE AND CURRENT BYTEWORD COUNT REGISTER
(8237 COMPATIBLE SEGMENT)
62
3210 DMA BASE AND CURRENT HIGH BYTEWORD COUNT REGISTER DMA
BASE HIGH BYTEWORD COUNT REGISTER
63
3211 DMA MEMORY LOW PAGE REGISTER DMA MEMORY BASE LOW PAGE
REGISTER
64
3212 DMAPDMA PAGE REGISTER
64
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com