Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 34 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 34 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 30Page - Intel Corporation 82374EB Datasheet HTML 31Page - Intel Corporation 82374EB Datasheet HTML 32Page - Intel Corporation 82374EB Datasheet HTML 33Page - Intel Corporation 82374EB Datasheet HTML 34Page - Intel Corporation 82374EB Datasheet HTML 35Page - Intel Corporation 82374EB Datasheet HTML 36Page - Intel Corporation 82374EB Datasheet HTML 37Page - Intel Corporation 82374EB Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
XBUSOE
out
X-BUS DATA OUTPUT ENABLE
XBUSOE
is tied directly to the output enable of
a 74F245 that buffers the X-Bus data XD(70) from the system data bus SD(70)
For EISA and ISA master memory read or write cycles XBUSOE
is asserted
when LBIOSCS
is asserted Otherwise XBUSOE
is not asserted
For EISA and ISA master IO read or write cycles SBUSOE
is asserted if an ISC
supported X-Bus device has been decoded and the decoding for that device has
been enabled via the proper configuration registers An exception to this is during
an IO read access to floppy location 3F7h (primary) or 377h (secondary) if the IDE
decode space is disabled (ie IDE is not present on the X-Bus) In this case
XBUSOE
is not asserted XBUSOE
is also not asserted during an IO access to
the floppy controller if DSKCHG is sampled low at reset
XBUSOE
is not asserted during DMA cycles except for channel 2 DMA For
channel 2 DMA XBUSOE
is asserted
GPCS 20
out
GENERAL PURPOSE CHIP SELECTENCODED CHIP SELECT
These are dual
function signals The function of these pins is selected through the Mode Select
ECS 20
Register bit 4
General Purpose Chip Select
GPCS 20
are chip selects for peripheral
devices The peripheral devices can be mapped in the IO range by programming
the General Purpose Chip Select Base Address registers and General Purpose
Mask registers (offset 64h-6Eh)
Encoded Chip Select
ECS 20 provide encoded chip select decoding for serial
ports parallel port IDE and general purpose devices The device chip selects for
the peripheral devices are generated by using a F138 with ECS 20 as inputs
Hardware Reset (Test Mode)
82374SB
During Reset GPCS0ECS0 is an input signal The level of this signal is sampled at
the end of the reset sequence to determine whether the TEST pin is used as the
current TEST function (sampled ‘‘1’’) or as the INIT signal (sampled ‘‘0’’) After
reset the existing GPCSECS functionality on this pin is maintained Note that an
internal pull-up of approximately 8 KX is included on this pin If the INIT mode on
the TEST pin is to be selected an external pull-down of approximately 500X should
be connected to the pin
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com