Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 59 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 59 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 55Page - Intel Corporation 82374EB Datasheet HTML 56Page - Intel Corporation 82374EB Datasheet HTML 57Page - Intel Corporation 82374EB Datasheet HTML 58Page - Intel Corporation 82374EB Datasheet HTML 59Page - Intel Corporation 82374EB Datasheet HTML 60Page - Intel Corporation 82374EB Datasheet HTML 61Page - Intel Corporation 82374EB Datasheet HTML 62Page - Intel Corporation 82374EB Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 208 page
background image
82374EB82374SB
Bit
Description
73
Reserved
Must be 0
2
DMA Channel Mask SetClear
Writinga1tobit2 sets the mask bit and disables the incoming DREQ
for the selected channel Writinga0tobit2 clears the mask bit and enables the incoming DREQ for
the elected channel
10
DMA Channel Select
Bits 10 select the DMA Channel Mode Register to program with bit 2
Bits 10
Channel
00
Channel 0 (4)
01
Channel 1 (5)
10
Channel 2 (6)
11
Channel 3 (7)
326 WAMBWRITE ALL MASK BITS REGISTER
Register Location
0FhChannels 0-3
0DEhChannels 4-7
Default Value
0Fh
Attribute
ReadWrite
Size
8 Bits
This command allows enabling and disabling of incoming DREQ assertions by writing the mask bits for each
controller DMA1 or DMA2 simultaneously rather than by individual channel as is done with the ‘‘Write Single
Mask Bit’’ command Two registers store the current mask status for DMA1 and DMA2 Setting the mask bit
disables the incoming DREQ x for that channel Clearing the mask bit enables the incoming DREQ x Unlike
the ‘‘Write Single Mask Bit’’ command this command includes a status read to check the current mask status
of the selected DMA channel group When read the mask register current status appears on bits 30
A
channel’s mask bit is automatically set when the Current Word Count register reaches terminal count (unless
the channel is programmed for autoinitialization) The entire register is also set by a reset or a Master Clear
Setting the entire register disables all DMA requests until a clear Mask register instruction allows them to
occur
Two important points should be taken into consideration when programming the mask registers First individu-
ally masking DMA Channel 4 (DMA controller 2 Channel 0) will automatically mask DMA Channels 30
as
this channel group is logically cascaded onto Channel 4 Second masking off DMA controller 2 with a write to
port 0DEh will also mask off DREQ assertions from DMA controller 1 for the same reason when DMA Channel
4 is masked so are DMA Channels 0-3
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com