Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 48 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 44Page - Intel Corporation 82374EB Datasheet HTML 45Page - Intel Corporation 82374EB Datasheet HTML 46Page - Intel Corporation 82374EB Datasheet HTML 47Page - Intel Corporation 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation 82374EB Datasheet HTML 50Page - Intel Corporation 82374EB Datasheet HTML 51Page - Intel Corporation 82374EB Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 208 page
background image
82374EB82374SB
Pin Name
Description
2
STPCLK
Scaling Enable (CSTPCLKSC)
This bit enablesdisables control of the STPCLK
highlow times by the clock scaling timers When bit 2e1 the STPCLK
signal scaling control
is enabled When enabled (and bit 1e1 enabling the STPCLK
signal) the high and low times
for the STPCLK
signal are controlled by the Clock Scaling STPCLK
High Timer and Clock
Scaling STPCLK
Low Timer Registers respectively When bit 2e0 (default) the scaling
control of the STPCLK
signal is disabled
1
STPCLK
Signal Enable (CSTPCLKE)
This bit permits software to place the CPU into a low
power state When bit 1e1 the STPCLK
signal is enabled and a read from the APMC
Register causes STPCLK
to be asserted When bit 1e0 (default) the STPCLK
signal is
disabled and is negated (high) Software can set this bit to 0 by writinga0toitorbyany write to
the APMC Register
0
SMI
Gate (CSMIGATE)
When bit 0e1 the SMI
signal is enabled and a system
management interrupt condition causes the SMI
signal to be asserted When bit 0e0
(default) the SMI
signal is masked and negated This bit only affects the SMI
signal and
does not effect the detectionrecording of SMI events (ie This bit does not effect the SMI
status bits in the SMIREQ Register) Thus SMI conditions can be pending when this bit is set to
1 If an SMI is pending when this bit is set to 1 the SMI
signal is asserted
3120 SMIENSMI ENABLE REGISTER
Address Offset
A2-A3h
Default Value
0000h
Attribute
ReadWrite
Size
16 Bits
For the 82374SB his register enables the generation of SMI (asserting the SMI
signal) for the associated
hardware events (bits 50 ) and software events (bit 7) When a hardware event is enabled the occurrence of
a corresponding event results in the assertion of SMI
if enabled via the SMICNTL Register The SMI
is
asserted independent of the current power state (Power-On or Fast Off) The default for all sources in this
register is disabled
Bit
Description
158
Reserved
7
APMC Write SMI Enable
This bit enables SMI for writes to the APMC Register When bit 7e1
writes to the APMC Register generate an SMI When bit 7e0 writes to the APMC Register do not
generate an SMI
6
EXTSMI
SMI Enable
When bit 6e1 asserting the EXTSMI
input signal generates an SMI When
bit 6e0 asserting EXTSMI
does not generate an SMI
5
Fast Off Timer SMI Enable
This bit enables the Fast Off Timer to generate an SMI When bit 5e1
the timer generates an SMI when it decrements to zero When bit 5e0 the timer does not generate
an SMI
4
IRQ12 SMI Enable (PS2 Mouse Interrupt)
This bit enables the IRQ12 signal to generate an SMI
When bit 4e1 asserting the IRQ12 input signal generates an SMI When bit 4e0 asserting IRQ12
does not generate an SMI
3
IRQ8 SMI Enable (RTC Alarm Interrupt)
This bit enables the IRQ8 signal to generate an SMI
When bit 3e1 asserting the IRQ8 input signal generates an SMI When bit 3e0 asserting IRQ8
does not generate an SMI
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com