Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 41Page - Intel Corporation 82374EB Datasheet HTML 42Page - Intel Corporation 82374EB Datasheet HTML 43Page - Intel Corporation 82374EB Datasheet HTML 44Page - Intel Corporation 82374EB Datasheet HTML 45Page - Intel Corporation 82374EB Datasheet HTML 46Page - Intel Corporation 82374EB Datasheet HTML 47Page - Intel Corporation 82374EB Datasheet HTML 48Page - Intel Corporation 82374EB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 208 page
background image
82374EB82374SB
Bit
Description
7
Routing of Interrupts
When enabled (0) this bit routes the PCI Interrupt signal to the PC compatible
interrupt signal specified in bits 60 After a reset or a power-on this bit is disabled (set to 1)
60
IRQx
Routing Bits
These bits specify which IRQ signal to generate when the PCI Interrupt for this
register has been triggered
Bits 60
IRQx
Bits 60
IRQx
0000000
Reserved
0001001
IRQ9
0000001
Reserved
0001010
IRQ10
0000010
Reserved
0001011
IRQ11
0000011
IRQ3
0001100
IRQ12
0000100
IRQ4
0001101
Reserved
0000101
IRQ5
0001110
IRQ14
0000110
IRQ6
0001111
IRQ15
0000111
IRQ7
0010000 to
0001000
Reserved
1111111
Reserved
3113 GPCSLA 20
GENERAL PURPOSE CHIP SELECT LOW ADDRESS REGISTER
Address Offset
64h 68h 6Ch
Default Value
00h
Attribute
ReadWrite
Size
8 Bits
This register contains the low byte of the General Purpose Peripheral mapping address The contents of this
register are compared with the LA 70 address lines The contents of this register the GPCSHA Register and
the GPCSM Register control the generation the GPCS 20
signal or the ESC 20 signal (101 110 combina-
tion) If Mode Select Register (offset 40h) bit 4e1 offset register 6Ch is ignored
Bit
Description
70
GPCS Low Address Byte
The contents of these bits are compared with the address lines LA 70 to
generate the GPCS 20
signal or the ECS 20 combination for this register The mask register
(GPCSM 20 ) determines which bits to use during the comparison
3114 GPCSHA 20
GENERAL PURPOSE CHIP SELECT HIGH ADDRESS REGISTER
Address Offset
65h 69h 6Dh
Default Value
C0h
Attribute
ReadWrite
Size
8 Bits
This register contains the high byte of the General Purpose Peripheral mapping address The contents of this
register are compared with the LA 158 address lines The contents of this register the GPCSLA Register and
the GPCSM Register control the generation the GPCS 20
signal or the ESC 20 signal (101 110 combina-
tion) If Mode Select Register (offset 40h) bit 4e1 offset register 6Dh is ignored
Bit
Description
70
GPCS High Address Byte
The contents of these bits are compared with the address lines LA 158
to generate the GPCS 20
signal or the ECS 20 combination for this register
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com