Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 69 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 69 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation 82374EB Datasheet HTML 68Page - Intel Corporation 82374EB Datasheet HTML 69Page - Intel Corporation 82374EB Datasheet HTML 70Page - Intel Corporation 82374EB Datasheet HTML 71Page - Intel Corporation 82374EB Datasheet HTML 72Page - Intel Corporation 82374EB Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 208 page
background image
82374EB82374SB
Bit
Description
75
Chaining Buffer Expired
When a chain buffer expiration control read returns 0 bit 7530 indicates
that Channel 7530 will assert IRQ13 when the DMA channel reaches terminal count When a
30
chain buffer expiration control read returns 1 bit 7530 indicates that Channel 7530 will assert
TC when the DMA controller reaches terminal count This bit will reset to 0 following a reset
4
Reserved
3221 SCATGASCATTER-GATHER COMMAND REGISTER
Register Location
0410hChannels 0
0411hChannels 1
0412hChannels 2
0413hChannels 3
0415hChannels 5
0416hChannels 6
0417hChannels 7
Default Value
00xxxx00b
Attribute
Write Only Relocateable
Size
8 Bits
The Scatter-Gather command register controls operation of the Descriptor Table aspect of S-G transfers The
S-G command register is write only The current S-G transfer status can be read in the S-G channel’s corre-
sponding S-G Status register The S-G command register can initiate a S-G transfer and stop a transfer
Scatter-Gather commands are issued with command codes Bits 10 are used to implement the code mecha-
nism The S-G codes are described in the table below Bit 7 is used to control the IRQ13EOP assertion that
follows a terminal count Bit 6 controls the effect of bit 7 Common Scatter-Gather command writes are listed
in Table 2
Table 2 Scatter Gather Command Bits
Command
Bits
7654
3210
No S-G operation (S-G NOOP)
0000
0000b
Start S-G
xx00
0001b
Stop S-G
xx00
0010b
Issue IRQ13 on Terminal Count
0100
00xxb
Issue EOP on Terminal Count
1100
00xxb
Note that the ‘‘x’’ don’t care states in Table 2 do not preclude programming those bits during the command
write For instance for any S-G command code on bits 10
an optional selection of IRQ13 or EOP can take
place if bit 7 is set to 1 and the appropriate choice is made for bit 6 All 0’s in the command byte indicate an S-
G NOOP no S-G command is issued and EOPIRQ13 modification is disabled Note that an EOPIRQ13
modification can be made while disabling the S-G command bits (bits 10 e00b) conversely an S-G com-
mand may be issued while EOPIRQ13 modification is disabled (bit 6e0b) After a reset or Master Clear
IRQ13 is disabled and EOP is enabled
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com