Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 17Page - Intel Corporation 82374EB Datasheet HTML 18Page - Intel Corporation 82374EB Datasheet HTML 19Page - Intel Corporation 82374EB Datasheet HTML 20Page - Intel Corporation 82374EB Datasheet HTML 21Page - Intel Corporation 82374EB Datasheet HTML 22Page - Intel Corporation 82374EB Datasheet HTML 23Page - Intel Corporation 82374EB Datasheet HTML 24Page - Intel Corporation 82374EB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 208 page
background image
82374EB82374SB
Pin Name
Type
Description
MSBURST
ts
MASTER BURST
MSBURST
signal is asserted by an EISA master to indicate
EISA burst cycles MSBURST
is asserted by an EISA master in response to an
asserted SLBURST
signal The ESC samples SLBURST
on the rising edge of
BCLK that CMD
is asserted If asserted the ESC samples SLBURST
on all
subsequent rising edges of BCLK until sampled negated The ESC keeps CMD
asserted during Burst cycles MSBURST
is an output during DMA burst cycles
The ESC drives MSBURST
active on the falling edge of BCLK one half BCLK
after SLBURST
is sampled active at the end of START
MASTER16
in
MASTER 16-BIT
MASTER16
is asserted by a 16-bit EISA Bus master or an ISA
Bus master device to indicate that it has control of the EISA Bus or ISA Bus The
ESC samples MASTER16
on the rising edge of BCLK that START
is asserted If
MASTER16
is sampled asserted the ESC determines that a 16-bit EISA Bus
master or an ISA Bus master owns the Bus If MASTER16
is sampled negated at
the first sampling point the ESC will sample MASTER16
a second time on the
rising edge of BCLK at the end of START
If MASTER16
is sampled asserted
here the ESC determines that a 32-bit EISA Bus master has downshifted to a 16-bit
Bus master and thus the ESC will disable the data size translation function
SD 70
ts
SYSTEM DATA
SD 70 signals are directly connected to the System Data bus
The SD 70 pins are outputs during IO reads when the ESC internal registers are
being accessed and during interrupt acknowledge cycles The SD 70 pins are
input during IO writes cycles when the ESC internal registers are being accessed
23 ISA Bus Signals
Pin Name
Type
Description
BALE
out
BUS ADDRESS LATCH ENABLE
BALE signal is asserted by the ESC to indicate that
a address (SA 190 LA 2317 ) AEN and SBHE
signal lines are valid The
LA 2317 address lines are latched on the trailing edge of BALE BALE remains active
throughout DMA and ISA Master cycles and Refresh cycles
SA 10
ts
ISA ADDRESS BITS 0
1
SA 10 are the least significant bits of the ISA address bus
SA 10 are inputs to the ESC during ISA master cycles except during ISA master
initiated Refresh cycles The ESC uses the SA 10 in conjunction with SBHE
to
generate BE 30
on the EISA bus The SA 10 are outputs of the ESC during EISA
master cycles and DMA cycles The ESC generates these from BE 30
SBHE
ts
ISA BYTE HIGH ENABLE
SBHE
signal indicates that the high byte on the ISA data
bus (SD 158 ) is valid SBHE
is an input to the ESC during ISA master cycles except
during ISA master initiated Refresh cycles The ESC uses the SBHE
in conjunction
with SA 10 to generate BE 30
on the EISA bus SBHE
is an output during EISA
master and DMA cycles
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com