Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82374EB Datasheet(PDF) 63 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 59Page - Intel Corporation 82374EB Datasheet HTML 60Page - Intel Corporation 82374EB Datasheet HTML 61Page - Intel Corporation 82374EB Datasheet HTML 62Page - Intel Corporation 82374EB Datasheet HTML 63Page - Intel Corporation 82374EB Datasheet HTML 64Page - Intel Corporation 82374EB Datasheet HTML 65Page - Intel Corporation 82374EB Datasheet HTML 66Page - Intel Corporation 82374EB Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 208 page
background image
82374EB82374SB
3210 DMA BASE AND CURRENT HIGH BYTEWORD COUNT REGISTER DMA BASE HIGH BYTE
WORD COUNT REGISTER
Register Location
401hDMA Channel 0
403hDMA Channel 1
405hDMA Channel 2
407hDMA Channel 3
4C6hDMA Channel 5
4CAhDMA Channel 6
4CEhDMA Channel 7
Default Value
00h
Attribute
ReadWrite
Size
8 Bits per channel
Each channel has a 8-bit Current High ByteWord Count register This register provides the uppermost 8 bits
for the number of transfers to be performed The byteword count is decremented after each transfer The
intermediate value of the byteword count is stored in the register during the transfer When the value in the
register goes from zero to FFFFh a TC may be generated
Following the end of a DMA service it may also be re-initialized by an autoinitialization back to its original value
autoinitialize can occur only when a TC occurs If it is not autoinitialized this register will have a count of
FFFFh after TC
The High ByteWord Count register must be the last ByteWord Count register programmed Writing to the
8237 Compatible ByteWord Count registers will clear the High ByteWord Count register to 00h
When the Extended Mode register is programmed for ‘‘count by word’’ transfers tofrom a 16-bit IO with
shifted address the ByteWord count will indicate the number of 16-bit words to be transferred
When the Extended Mode register is programmed for ‘‘count by byte’’ transfers the ByteWord Count will
indicate the number of bytes to be transferred The number of bytes does not need to be a multiple of the
transfer size in this case
Each channel has a Base High ByteWord Count register located at the same port address as the correspond-
ing Current High ByteWord Count register These registers store the original value of their associated Current
registers During autoinitialize these values are used to restore the Current registers to their original values
Normally the Base registers are written simultaneously with their corresponding Current register in successive
8 bit bytes by the microprocessor However in Chaining Mode only the Base register set is programmed and
the Current register is not effected The Base registers cannot be read by any external agents
In Scatter-Gather mode these registers store the lowest 8 bits of the current High ByteWord Count During a
Scatter-Gather transfer the DMA will load a reserve buffer into the base High ByteWord Count register
In Chaining Mode these register store the lowest 8 bits of the current High ByteWord Count The CPU will
then program the base register set with a reserve buffer
Bit
Description
70
Base and Current High ByteWord Count
These bits represent the 8 high order byteword count
bits used when counting down a DMA transfer Upon reset or Master Clear the value of these bits is
00h
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com